Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 92 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 92 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 88Page - STMicroelectronics SPC574KX Datasheet HTML 89Page - STMicroelectronics SPC574KX Datasheet HTML 90Page - STMicroelectronics SPC574KX Datasheet HTML 91Page - STMicroelectronics SPC574KX Datasheet HTML 92Page - STMicroelectronics SPC574KX Datasheet HTML 93Page - STMicroelectronics SPC574KX Datasheet HTML 94Page - STMicroelectronics SPC574KX Datasheet HTML 95Page - STMicroelectronics SPC574KX Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 160 page
background image
Electrical characteristics
SPC574Kx
92/160
DocID023601 Rev 6
Figure 27. JTAG boundary scan timing
3.19.1.2
Nexus interface timing
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15
Table 49. Nexus debug port timing(1)
#
Symbol
C
Characteristic
Value
Unit
Min Max
7tEVTIPW
CC
P
EVTI pulse width
4
— tCYC(2)
8tEVTOPW
CC
P
EVTO pulse width
40
—
ns
9tTCYC
CC
D TCK cycle time
2(3),
(4)
—tCYC(2)
9tTCYC
CC
D Absolute minimum TCK cycle time(5) (TDO sampled on posedge
of TCK)
40(6)
—ns
11(7)
tNTDIS
CC
D TDI/TDIC data setup time
5
—
ns
12
tNTDIH
CC
D TDI/TDIC data hold time
5
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com