Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 73 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 73 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 69Page - STMicroelectronics SPC574KX Datasheet HTML 70Page - STMicroelectronics SPC574KX Datasheet HTML 71Page - STMicroelectronics SPC574KX Datasheet HTML 72Page - STMicroelectronics SPC574KX Datasheet HTML 73Page - STMicroelectronics SPC574KX Datasheet HTML 74Page - STMicroelectronics SPC574KX Datasheet HTML 75Page - STMicroelectronics SPC574KX Datasheet HTML 76Page - STMicroelectronics SPC574KX Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 160 page
background image
DocID023601 Rev 6
73/160
SPC574Kx
Electrical characteristics
159
3.15.1
LFAST interface timing diagrams
Figure 18. LFAST and MSC/DSPI LVDS timing definition
Signal excursions above this level NOT allowed
Max. common mode input at RX
Signal excursions below this level NOT allowed
Min. common mode input at RX
Data Bit Period
Minimum Data Bit Time
Opening =
0.55 * T (LFAST)
0.50 * T (MSC/DSPI)
Max Differential Voltage = 285
mV p-p (LFAST)
400 mV p-p (MSC/DSPI)
Min Differential Voltage =
100 mV p-p (LFAST)
150 mV p-p (MSC/DSPI)
1743 mV
1600 mV
VOS =1.2 V +/- 10%
TX common mode
VICOM
150 mV
0V
1743 mV
“No-Go” Area
T = 1 /FDATA
|ΔVOD|
|ΔVOD|
|ΔPEREYE
|ΔPEREYE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com