Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 52 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 52 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 48Page - STMicroelectronics SPC574KX Datasheet HTML 49Page - STMicroelectronics SPC574KX Datasheet HTML 50Page - STMicroelectronics SPC574KX Datasheet HTML 51Page - STMicroelectronics SPC574KX Datasheet HTML 52Page - STMicroelectronics SPC574KX Datasheet HTML 53Page - STMicroelectronics SPC574KX Datasheet HTML 54Page - STMicroelectronics SPC574KX Datasheet HTML 55Page - STMicroelectronics SPC574KX Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 160 page
background image
Electrical characteristics
SPC574Kx
52/160
DocID023601 Rev 6
|ΔPLL0LTJIT|
CC
T
PLL0 long-term jitter(3)
fPLL0IN = 20 MHz
(resonator), VCO
frequency = 800 MHz
10 periods accumulated
jitter (80 MHz equivalent
frequency), 6-sigma pk-pk
—
—
± 250
ps
16 periods accumulated
jitter (50 MHz equivalent
frequency), 6-sigma pk-pk
—
—
± 300
ps
long term jitter (< 1 MHz
equivalent frequency), 6-
sigma pk-pk
—
—
± 500
ps
IPLL0
CC
C
PLL0 consumption
FINE LOCK state
—
—
5
mA
fPLL0FREE
CC
D
VCO free running
frequency
—
35
—
400
MHz
1. PLL0IN clock retrieved directly from either internal RC oscillator (IRCOSC) or external oscillator (XOSC) clock. Input
characteristics are granted when using XOSC.
2.
fPLL0IN frequency must be scaled down using PLLDIG_PLL0DV[PREDIV] to ensure PFD input signal is in the range
8MHz-20MHz.
3. VDD_LV noise due to application in the range VDD_LV = 1.25 V ± 5%, with frequency below PLL bandwidth (40 KHz) is
filtered.
Table 26. PLL0 electrical characteristics(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Table 27. PLL1 electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fPLL1IN
SR — PLL1 input clock(1)
—38
—
78
MHz
ΔPLL1IN SR — PLL1 input clock duty cycle(1)
—35
—
65
%
fPLL1VCO CC P PLL1 VCO frequency
—
600
—
1250
MHz
fPLL1PHI CC D PLL1 output clock frequency on PHI
—
4.762
—
160
MHz
tPLL1LOCK CC P PLL1 lock time
—
—
—
100
µs
fPLL1MOD CC T PLL1 modulation frequency
—
—
—
250
KHz
|δPLL1MOD| CC T PLL1 modulation depth (when enabled) Center spread
0.25
—
2
%
Down spread
0.5
—
4
%
IPLL1
CC C PLL1 consumption
FINE LOCK state
—
—
6
mA
fPLL1FREE CC D VCO free running frequency
—
35
—
400
MHz
1. PLL1IN clock retrieved directly from either internal PLL0 or external XOSC clock. Input characteristics are granted when
using internal PLL0 or XOSC is used in functional mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com