Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 82 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 82 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 78Page - STMicroelectronics SPC574KX Datasheet HTML 79Page - STMicroelectronics SPC574KX Datasheet HTML 80Page - STMicroelectronics SPC574KX Datasheet HTML 81Page - STMicroelectronics SPC574KX Datasheet HTML 82Page - STMicroelectronics SPC574KX Datasheet HTML 83Page - STMicroelectronics SPC574KX Datasheet HTML 84Page - STMicroelectronics SPC574KX Datasheet HTML 85Page - STMicroelectronics SPC574KX Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 160 page
background image
Electrical characteristics
SPC574Kx
82/160
DocID023601 Rev 6
3.17.3
Device voltage monitoring
The LVD/HVDs and their associated levels for the device are given in the following table.
The figure below illustrates the workings of voltage monitoring threshold.
Figure 23. Voltage monitor threshold definition
CDECFLA
SR
D Decoupling capacitance for flash
supply
VDD_HV_FLA/VSS pair
100
220
—
nF
CHV_ADC
SR D VDD_HV_ADV external
capacitance(5)
12.2
—µF
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = –40 / 125 °C, unless otherwise specified.
2. All values need to be confirmed during device validation.
3. Recommended X7R or X5R ceramic –35 % / +20 % variation across process, temperature, voltage and after aging.
4. At power-up condition before trimming.
5. For noise filtering, add a high frequency bypass capacitance of 0.1 µF between VDD_HV_ADV and VSS_HV_ADV.
Table 41. Device Power Supply Integration(Continued)
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
VDD_xxx
VLVD(fall)
HVD TRIGGER
tVDRELEASE
VLVD(rise)
tVDASSERT
VHVD(fall)
VHVD(rise)
LVD TRIGGER
tVDRELEASE
tVDASSERT
(INTERNAL)
(INTERNAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com