Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 67Page - STMicroelectronics SPC574KX Datasheet HTML 68Page - STMicroelectronics SPC574KX Datasheet HTML 69Page - STMicroelectronics SPC574KX Datasheet HTML 70Page - STMicroelectronics SPC574KX Datasheet HTML 71Page - STMicroelectronics SPC574KX Datasheet HTML 72Page - STMicroelectronics SPC574KX Datasheet HTML 73Page - STMicroelectronics SPC574KX Datasheet HTML 74Page - STMicroelectronics SPC574KX Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 160 page
background image
DocID023601 Rev 6
71/160
SPC574Kx
Electrical characteristics
159
Figure 17. S/D impedance generic model
11. S/D ADC is functional in the range 3.0 – 4.5 V, SNR parameter degrades by 9 dB. Degraded SNR value based on
simulation.
12. This parameter is guaranteed by bench validation with a small sample of devices across process variations.
13. Input impedance is valid over the full input frequency range.Input impedance is calculated in megaohms by the formula
25.6/(Gain * fADCD_M).
14. Impedance given at FADCD_M = 16MHz. Impedance is inversely proportional to frequency: ZDIFF(FADCD_M) =
16MHz/FADCD_M*ZDIFF
15. Impedance given at FADCD_M = 16MHz. Impedance is inversely proportional to frequency: ZCM(FADCD_M) =
16MHz/FADCD_M*ZCM
16. SNR values guaranteed only if external noise on the ADC input pin is attenuated by the required SNR value in the
frequency range of fADCD_M – fADCD_S to fADCD_M + fADCD_S, where fADCD_M is the input sampling frequency, and fADCD_S
is the output sample frequency. A proper external input filter should be used to remove any interfering signals in this
frequency range.
17. The ±1% passband ripple specification is equivalent to 20 * log10 (0.99) = 0.087 dB.
18. Propagation of the information from the pin to the register CDR[CDATA] and flags SFR[DFEF], SFR[DFFF] is given by the
different modules that need to be crossed: delta/sigma filters, high pass filter, fifo module, clock domain synchronizers. The
time elapsed between data availability at pin and internal S/D module registers is given by the below formula:
REGISTER LATENCY = tLATENCY + 0.5/fADCD_S + 2 (~+1)/fADCD_M + 2(~+1)fPBRIDGEx_CLK
where fADCD_S is the frequency of the sampling clock, fADCD_M is the frequency of the modulator, and fPBRIDGEx_CLK
is the frequency of the peripheral bridge clock feeds to the ADC S/D module. The (~+1) symbol refers to the number of
clock cycles uncertainty (from 0 to 1 clock cycle) to be added due to resynchronization of the signal during clock domain
crossing.
Some further latency may be added by the target module (core, DMA, interrupt) controller to process the data received
from the ADC S/D module.
19. This capacitance does not include pin capacitance, that can be considered together with external capacitance, before
sampling switch.
20. Consumption is given after power-up, when steady state is reached. Extra consumption up to 2 mA may be required during
internal circuitry set-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com