Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0050 Datasheet (PDF) - Abracon Corporation

AFII-SW-0050 Datasheet PDF - Abracon Corporation
Part # AFII-SW-0050
Download  AFII-SW-0050 Download
File Size   910.77 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 869 MHz SMD SAW Filter

AFII-SW-0050 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFII-SW-0050 Datasheet PDF - Abracon Corporation

Part # AFII-SW-0050
Download  AFII-SW-0050 Click to download

File Size   910.77 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 869 MHz SMD SAW Filter

AFII-SW-0050 Datasheet (HTML) - Abracon Corporation


AFII-SW-0050 Product details

Features
•3.0 x 3.0 x 1.25 mm in Size
•Low Insertion Loss: 2.1 dB
•Out-of-Band Rejection: > 30 dB
•50 Ohms Single-Ended Input & Output
•Maximum Input Power: +20dBm




Similar Part No. - AFII-SW-0050

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0057 ABRACON-AFII-SW-0057 Datasheet
956Kb / 11P
SMD 1584MHz SAW Filter
03-13-25
AFII-SW-0057-EVB ABRACON-AFII-SW-0057-EVB Datasheet
956Kb / 11P
SMD 1584MHz SAW Filter
03-13-25
AFII-SW-0057-T ABRACON-AFII-SW-0057-T Datasheet
956Kb / 11P
SMD 1584MHz SAW Filter
03-13-25
AFII-SW-0058 ABRACON-AFII-SW-0058 Datasheet
1,005Kb / 12P
SMD 1202 MHZ SAW FILTER
03-13-25
AFII-SW-0058-EVB ABRACON-AFII-SW-0058-EVB Datasheet
1,005Kb / 12P
SMD 1202 MHZ SAW FILTER
03-13-25
More results


Similar Description - AFII-SW-0050

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0977A TAI-SAW-TA0977A Datasheet
396Kb / 6P
SAW Filter 869 MHz
TA1018A TAI-SAW-TA1018A Datasheet
366Kb / 6P
SAW Filter 869 MHz
logo
Spectrum Microwave, Inc...
SF0869BA02503S SPECTRUM-SF0869BA02503S Datasheet
201Kb / 3P
869 MHz SAW Filter 10 MHz Bandwidth
SF0869BA02504S SPECTRUM-SF0869BA02504S Datasheet
133Kb / 3P
869 MHz SAW Filter 12 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02504S APITECH-SF0869BA02504S Datasheet
133Kb / 3P
869 MHz SAW Filter 12 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0704A TAI-SAW-TA0704A Datasheet
364Kb / 6P
SAW Filter 869 MHz
TA0977B TAI-SAW-TA0977B Datasheet
151Kb / 6P
SAW Filter 869 MHz
TA2090A TAI-SAW-TA2090A Datasheet
404Kb / 6P
SAW Filter 869 MHz
TA2381A TAI-SAW-TA2381A Datasheet
506Kb / 7P
SAW Filter 869 MHz
TA2532A TAI-SAW-TA2532A Datasheet
869Kb / 7P
SAW Filter 869 MHz SMD 3.0횞3.0 mm (BW=8 MHz)
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com