Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0050 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AFII-SW-0050
Description  869 MHz SMD SAW Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFII-SW-0050 Datasheet(HTML) 1 Page - Abracon Corporation

  AFII-SW-0050 Datasheet HTML 1Page - Abracon Corporation AFII-SW-0050 Datasheet HTML 2Page - Abracon Corporation AFII-SW-0050 Datasheet HTML 3Page - Abracon Corporation AFII-SW-0050 Datasheet HTML 4Page - Abracon Corporation AFII-SW-0050 Datasheet HTML 5Page - Abracon Corporation AFII-SW-0050 Datasheet HTML 6Page - Abracon Corporation AFII-SW-0050 Datasheet HTML 7Page - Abracon Corporation AFII-SW-0050 Datasheet HTML 8Page - Abracon Corporation AFII-SW-0050 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 11-08-24
For terms and conditions of sales, please visit:
www.abracon.com
869 MHz SMD SAW Filter
AFII-SW-0050
3.0 x 3.0 x 1.25 mm
RoHS Compliant
Request Samples
Check Inventory
Product Image
• 3.0 x 3.0 x 1.25 mm in Size
• Low Insertion Loss: 2.1 dB
• Out-of-Band Rejection: > 30 dB
• 50 Ohms Single-Ended Input & Output
• Maximum Input Power: +20dBm
Applications
• Sub-GHz/LoRa/Sigfox
• Smart Lighting
• Utility & Smart Metering
• Amazon Sidewalk
• Traffic Control and Monitoring
• Energy Generation and Storage System
Features


Similar Part No. - AFII-SW-0050

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0057 ABRACON-AFII-SW-0057 Datasheet
956Kb / 11P
SMD 1584MHz SAW Filter
03-13-25
AFII-SW-0057-EVB ABRACON-AFII-SW-0057-EVB Datasheet
956Kb / 11P
SMD 1584MHz SAW Filter
03-13-25
AFII-SW-0057-T ABRACON-AFII-SW-0057-T Datasheet
956Kb / 11P
SMD 1584MHz SAW Filter
03-13-25
AFII-SW-0058 ABRACON-AFII-SW-0058 Datasheet
1,005Kb / 12P
SMD 1202 MHZ SAW FILTER
03-13-25
AFII-SW-0058-EVB ABRACON-AFII-SW-0058-EVB Datasheet
1,005Kb / 12P
SMD 1202 MHZ SAW FILTER
03-13-25
More results

Similar Description - AFII-SW-0050

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0977A TAI-SAW-TA0977A Datasheet
396Kb / 6P
SAW Filter 869 MHz
TA1018A TAI-SAW-TA1018A Datasheet
366Kb / 6P
SAW Filter 869 MHz
logo
Spectrum Microwave, Inc...
SF0869BA02503S SPECTRUM-SF0869BA02503S Datasheet
201Kb / 3P
869 MHz SAW Filter 10 MHz Bandwidth
SF0869BA02504S SPECTRUM-SF0869BA02504S Datasheet
133Kb / 3P
869 MHz SAW Filter 12 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02504S APITECH-SF0869BA02504S Datasheet
133Kb / 3P
869 MHz SAW Filter 12 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0704A TAI-SAW-TA0704A Datasheet
364Kb / 6P
SAW Filter 869 MHz
TA0977B TAI-SAW-TA0977B Datasheet
151Kb / 6P
SAW Filter 869 MHz
TA2090A TAI-SAW-TA2090A Datasheet
404Kb / 6P
SAW Filter 869 MHz
TA2381A TAI-SAW-TA2381A Datasheet
506Kb / 7P
SAW Filter 869 MHz
TA2532A TAI-SAW-TA2532A Datasheet
869Kb / 7P
SAW Filter 869 MHz SMD 3.0횞3.0 mm (BW=8 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com