Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0057 Datasheet (PDF) - Abracon Corporation

AFII-SW-0057 Datasheet PDF - Abracon Corporation
Part # AFII-SW-0057
Download  AFII-SW-0057 Download
File Size   956.5 Kbytes
Page   11 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 1584MHz SAW Filter

AFII-SW-0057 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFII-SW-0057 Datasheet PDF - Abracon Corporation

Part # AFII-SW-0057
Download  AFII-SW-0057 Click to download

File Size   956.5 Kbytes
Page   11 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 1584MHz SAW Filter

AFII-SW-0057 Datasheet (HTML) - Abracon Corporation


AFII-SW-0057 Product details

Features
•Supports GPS/GLONASS/BEIDOU/GALILEO Band
•3.0 x 3.0 x 1.25 mm in Size
•Low Insertion Loss: 2.0 dB
•Out-of-Band Rejection: > 23 dB
•50 Ohms Single-Ended Input & Output
•Maximum Input Power: +20dBm
•Stable Performance Across -40ºC ~ +125ºC




Similar Part No. - AFII-SW-0057

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0050 ABRACON-AFII-SW-0050 Datasheet
910Kb / 12P
869 MHz SMD SAW Filter
11-08-24
AFII-SW-0050-EVB ABRACON-AFII-SW-0050-EVB Datasheet
910Kb / 12P
869 MHz SMD SAW Filter
11-08-24
AFII-SW-0050-T ABRACON-AFII-SW-0050-T Datasheet
910Kb / 12P
869 MHz SMD SAW Filter
11-08-24
AFII-SW-0058 ABRACON-AFII-SW-0058 Datasheet
1,005Kb / 12P
SMD 1202 MHZ SAW FILTER
03-13-25
AFII-SW-0058-EVB ABRACON-AFII-SW-0058-EVB Datasheet
1,005Kb / 12P
SMD 1202 MHZ SAW FILTER
03-13-25
More results


Similar Description - AFII-SW-0057

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFS434S3 ETC-AFS434S3 Datasheet
105Kb / 1P
SMD 434.0MHz SAW FILTER
logo
Abracon Corporation
AFS1842.5W01-TS4 ABRACON-AFS1842.5W01-TS4 Datasheet
264Kb / 2P
SMD 1842.5MHz SAW FILTER
AFS881.5W01-TS4 ABRACON-AFS881.5W01-TS4 Datasheet
181Kb / 1P
SMD 881.5MHz SAW FILTER
logo
ECS, Inc.
ECS-DSF400.0A-51 ECS-ECS-DSF400.0A-51 Datasheet
152Kb / 1P
SMD SAW FILTER
ECS-DSF947.5B-21 ECS-ECS-DSF947.5B-21 Datasheet
135Kb / 1P
SMD SAW FILTER
logo
Abracon Corporation
AB ABRACON-AB Datasheet
2Mb / 4P
SMD 869.0MHz SAW Filter
07.09.14
AFS1575.42W90-TS5 ABRACON-AFS1575.42W90-TS5 Datasheet
2Mb / 3P
SMD 1575.42MHz SAW Filter
08.23.11
AFS2140.0W01-TS4 ABRACON-AFS2140.0W01-TS4 Datasheet
1Mb / 3P
SMD 1575.42MHz SAW Filter
12.10.09
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
SMD 915.0MHz SAW FILTER
11.07.11
logo
Suntsu Electronics, Inc...
SFLSR-3I3I SUNTSU-SFLSR-3I3I Datasheet
233Kb / 3P
SMD TYPE SAW FILTER
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com