Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0057 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AFII-SW-0057
Description  SMD 1584MHz SAW Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFII-SW-0057 Datasheet(HTML) 1 Page - Abracon Corporation

  AFII-SW-0057 Datasheet HTML 1Page - Abracon Corporation AFII-SW-0057 Datasheet HTML 2Page - Abracon Corporation AFII-SW-0057 Datasheet HTML 3Page - Abracon Corporation AFII-SW-0057 Datasheet HTML 4Page - Abracon Corporation AFII-SW-0057 Datasheet HTML 5Page - Abracon Corporation AFII-SW-0057 Datasheet HTML 6Page - Abracon Corporation AFII-SW-0057 Datasheet HTML 7Page - Abracon Corporation AFII-SW-0057 Datasheet HTML 8Page - Abracon Corporation AFII-SW-0057 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 03-13-25
For terms and conditions of sales, please visit:
www.abracon.com
SMD 1584MHz SAW Filter
AFII-SW-0057
3.0 x 3.0 x 1.25 mm
RoHS Compliant
MSL Level = 3
Request Samples
Check Inventory
Product Image
• Supports GPS/GLONASS/BEIDOU/GALILEO Band
• 3.0 x 3.0 x 1.25 mm in Size
• Low Insertion Loss: 2.0 dB
• Out-of-Band Rejection: > 23 dB
• 50 Ohms Single-Ended Input & Output
• Maximum Input Power: +20dBm
• Stable Performance Across -40ºC ~ +125ºC
• GNSS Modules
• Transportation & Telematics
• Asset Tracking / Fleet Management
• UAVs, Robotics & Autonomous Vehicles
• Micro-Mobility Solutions
• Precision Agriculture
Applications
Features


Similar Part No. - AFII-SW-0057

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0050 ABRACON-AFII-SW-0050 Datasheet
910Kb / 12P
869 MHz SMD SAW Filter
11-08-24
AFII-SW-0050-EVB ABRACON-AFII-SW-0050-EVB Datasheet
910Kb / 12P
869 MHz SMD SAW Filter
11-08-24
AFII-SW-0050-T ABRACON-AFII-SW-0050-T Datasheet
910Kb / 12P
869 MHz SMD SAW Filter
11-08-24
AFII-SW-0058 ABRACON-AFII-SW-0058 Datasheet
1,005Kb / 12P
SMD 1202 MHZ SAW FILTER
03-13-25
AFII-SW-0058-EVB ABRACON-AFII-SW-0058-EVB Datasheet
1,005Kb / 12P
SMD 1202 MHZ SAW FILTER
03-13-25
More results

Similar Description - AFII-SW-0057

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFS434S3 ETC-AFS434S3 Datasheet
105Kb / 1P
SMD 434.0MHz SAW FILTER
logo
Abracon Corporation
AFS1842.5W01-TS4 ABRACON-AFS1842.5W01-TS4 Datasheet
264Kb / 2P
SMD 1842.5MHz SAW FILTER
AFS881.5W01-TS4 ABRACON-AFS881.5W01-TS4 Datasheet
181Kb / 1P
SMD 881.5MHz SAW FILTER
logo
ECS, Inc.
ECS-DSF400.0A-51 ECS-ECS-DSF400.0A-51 Datasheet
152Kb / 1P
SMD SAW FILTER
ECS-DSF947.5B-21 ECS-ECS-DSF947.5B-21 Datasheet
135Kb / 1P
SMD SAW FILTER
logo
Abracon Corporation
AB ABRACON-AB Datasheet
2Mb / 4P
SMD 869.0MHz SAW Filter
07.09.14
AFS1575.42W90-TS5 ABRACON-AFS1575.42W90-TS5 Datasheet
2Mb / 3P
SMD 1575.42MHz SAW Filter
08.23.11
AFS2140.0W01-TS4 ABRACON-AFS2140.0W01-TS4 Datasheet
1Mb / 3P
SMD 1575.42MHz SAW Filter
12.10.09
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
SMD 915.0MHz SAW FILTER
11.07.11
logo
Suntsu Electronics, Inc...
SFLSR-3I3I SUNTSU-SFLSR-3I3I Datasheet
233Kb / 3P
SMD TYPE SAW FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com