Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0058 Datasheet (PDF) - Abracon Corporation

AFII-SW-0058 Datasheet PDF - Abracon Corporation
Part # AFII-SW-0058
Download  AFII-SW-0058 Download
File Size   1005.25 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 1202 MHZ SAW FILTER

AFII-SW-0058 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFII-SW-0058 Datasheet PDF - Abracon Corporation

Part # AFII-SW-0058
Download  AFII-SW-0058 Click to download

File Size   1005.25 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 1202 MHZ SAW FILTER

AFII-SW-0058 Datasheet (HTML) - Abracon Corporation


AFII-SW-0058 Product details

Features
•Supports GNSS L2/G3/L3OC/E5a/E5b/B2a/B2b Band
•1.4 x 1.1 x 0.7mm in Size
•Low Insertion Loss: 1.8 dB
•Out-of-Band Rejection: > 28 dB
•Maximum Input Power: +10 dBm




Similar Part No. - AFII-SW-0058

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0050 ABRACON-AFII-SW-0050 Datasheet
910Kb / 12P
869 MHz SMD SAW Filter
11-08-24
AFII-SW-0050-EVB ABRACON-AFII-SW-0050-EVB Datasheet
910Kb / 12P
869 MHz SMD SAW Filter
11-08-24
AFII-SW-0050-T ABRACON-AFII-SW-0050-T Datasheet
910Kb / 12P
869 MHz SMD SAW Filter
11-08-24
AFII-SW-0057 ABRACON-AFII-SW-0057 Datasheet
956Kb / 11P
SMD 1584MHz SAW Filter
03-13-25
AFII-SW-0057-EVB ABRACON-AFII-SW-0057-EVB Datasheet
956Kb / 11P
SMD 1584MHz SAW Filter
03-13-25
More results


Similar Description - AFII-SW-0058

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
SMD 390.0 MHz SAW FILTER
AFS868.0W01-TS3 ABRACON-AFS868.0W01-TS3 Datasheet
202Kb / 2P
SMD 868.0 MHz SAW FILTER
1.07.08
AFS915S3 ABRACON-AFS915S3 Datasheet
95Kb / 1P
SMD 915 MHz SAW FILTER
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
SMD 930.5 MHz SAW FILTER
6.21.07
AFS1575.42S4 ABRACON-AFS1575.42S4 Datasheet
213Kb / 2P
SMD 1575.42 MHz SAW FILTER
03.17.08
logo
TAI-SAW TECHNOLOGY CO.,...
TA1251A TAI-SAW-TA1251A Datasheet
404Kb / 6P
SAW Filter 1202 MHz
TA1251B TAI-SAW-TA1251B Datasheet
420Kb / 6P
SAW Filter 1202 MHz
TA2663A TAI-SAW-TA2663A Datasheet
650Kb / 8P
SAW Filter 1202 MHz SMD 1.4X1.1 mm (BW=72MHz)
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com