Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4094 Datasheet (PDF) - STMicroelectronics

M74HC4094 Datasheet PDF - STMicroelectronics
Part # M74HC4094
Download  M74HC4094 Download
File Size   482.58 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-bit SIPO shift latch register (3-state)

M74HC4094 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC4094 Datasheet PDF - STMicroelectronics

Part # M74HC4094
Download  M74HC4094 Click to download

File Size   482.58 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-bit SIPO shift latch register (3-state)

M74HC4094 Datasheet (HTML) - STMicroelectronics


M74HC4094 Product details

Features
• High speed: fMAX = 80 MHz (typ.) at VCC = 6 V
• Low power dissipation:
ICC = 4 μA (max.) at TA= 25 °C
• High noise immunity:
VNIH = VNIL = 28% VCC (min.)
• Symmetrical output impedance:
|IOH| = IOL = 4 mA (min.)
• Balanced propagation delays: tPLH ≅ tPHL
• Wide operating voltage range:
VCC (opr.) = 2 V to 6 V
• Pin and function compatible with 74 series
4094
• ESD performance
– CDM: 1 kV
– HBM: 2 kV
– MM: 200 V




Similar Part No. - M74HC4094

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
270Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
Feb-1993
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
Jan-2003
M74HC4094B1R STMICROELECTRONICS-M74HC4094B1R Datasheet
270Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
Feb-1993
M74HC4094B1R STMICROELECTRONICS-M74HC4094B1R Datasheet
575Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
Jan-2003
M74HC4094C1R STMICROELECTRONICS-M74HC4094C1R Datasheet
270Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
Feb-1993
More results


Similar Description - M74HC4094

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC164 STMICROELECTRONICS-M54HC164 Datasheet
254Kb / 12P
8 BIT SIPO SHIFT REGISTER
Oct-1992
M54HC251 STMICROELECTRONICS-M54HC251 Datasheet
249Kb / 11P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M54HC4094 STMICROELECTRONICS-M54HC4094 Datasheet
270Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
Feb-1993
M54HCT164 STMICROELECTRONICS-M54HCT164 Datasheet
252Kb / 12P
8 BIT SIPO SHIFT REGISTER
Feb-1993
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
8-BIT SHIFT REGISTER/LATCH(3-STATE)
logo
STMicroelectronics
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
Jan-2003
logo
Toshiba Semiconductor
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
8-Bit Shift Register/Latch (3-state)
logo
STMicroelectronics
M74HCT164 STMICROELECTRONICS-M74HCT164 Datasheet
327Kb / 11P
8 BIT SIPO SHIFT REGISTER
Jul-2001
M74HC164 STMICROELECTRONICS-M74HC164_03 Datasheet
512Kb / 13P
8 BIT SIPO SHIFT REGISTER
Jun-2003
logo
Toshiba Semiconductor
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
8-Bit Shift Register/Latch (3-state)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com