Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4094 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M74HC4094
Description  8-bit SIPO shift latch register (3-state)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4094 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M74HC4094 Datasheet HTML 4Page - STMicroelectronics M74HC4094 Datasheet HTML 5Page - STMicroelectronics M74HC4094 Datasheet HTML 6Page - STMicroelectronics M74HC4094 Datasheet HTML 7Page - STMicroelectronics M74HC4094 Datasheet HTML 8Page - STMicroelectronics M74HC4094 Datasheet HTML 9Page - STMicroelectronics M74HC4094 Datasheet HTML 10Page - STMicroelectronics M74HC4094 Datasheet HTML 11Page - STMicroelectronics M74HC4094 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical description
M74HC4094
8/17
DocID1972 Rev 5
Table 7. AC electrical characteristics (CL = 50 pF, input tr = tf = 6 ns)
Symbol
Parameter
Test condition
Value
Unit
VCC (V)
TA = 25 °C
-40 to 85 °C -55 to 125 °C
Min.
Typ. Max. Min. Max.
Min.
Max.
tTLH, tTHL Output transition time
2.0
30
75
95
115
ns
4.5
8
15
19
23
6.0
7
13
16
20
tPLH, tPHL
Propagation delay time
(CLOCK - Qn)
2.0
92
200
250
300
ns
4.5
26
40
50
60
6.0
20
34
43
51
tPLH, tPHL
Propagation delay time
(CLOCK - QS, QS')
2.0
65
150
190
225
ns
4.5
19
30
38
45
6.0
15
26
32
38
tPLH, tPHL
Propagation delay time
(STROBE - Qn)
2.0
75
160
200
240
ns
4.5
20
32
40
48
6.0
16
27
34
41
tPZL, tPZH
High impedance output
enable time
2.0
58
150
190
225
ns
4.5
16
30
38
45
6.0
13
26
32
38
tPHZ, tPLZ
High impedance output
disable time
2.0
35
150
190
225
ns
4.5
16
30
38
45
6.0
13
26
32
38
fMAX
Maximum clock frequency
2.0
6
16
4.8
4
MHz
4.5
30
66
24
20
6.0
35
80
28
24
tW(H), tW(L) Minimum pulse width
2.0
17
75
95
110
ns
4.5
7
15
19
22
6.0
6
13
16
19
tW(L)
Minimum pulse width
2.0
28
75
95
110
ns
4.5
6
15
19
22
6.0
6
13
16
19
ts
Minimum set-up time
(SERIAL INPUT)
2.0
30
75
95
110
ns
4.5
7
15
19
22
6.0
5
13
16
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com