Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4094 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4094
Description  8-bit SIPO shift latch register (3-state)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4094 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4094 Datasheet HTML 1Page - STMicroelectronics M74HC4094 Datasheet HTML 2Page - STMicroelectronics M74HC4094 Datasheet HTML 3Page - STMicroelectronics M74HC4094 Datasheet HTML 4Page - STMicroelectronics M74HC4094 Datasheet HTML 5Page - STMicroelectronics M74HC4094 Datasheet HTML 6Page - STMicroelectronics M74HC4094 Datasheet HTML 7Page - STMicroelectronics M74HC4094 Datasheet HTML 8Page - STMicroelectronics M74HC4094 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
October 2013
DocID1972 Rev 5
1/17
M74HC4094
8-bit SIPO shift latch register (3-state)
Datasheet
- production data
Features
• High speed: fMAX = 80 MHz (typ.) at VCC = 6 V
• Low power dissipation:
ICC = 4 μA (max.) at TA= 25 °C
• High noise immunity:
VNIH = VNIL = 28% VCC (min.)
• Symmetrical output impedance:
|IOH| = IOL = 4 mA (min.)
• Balanced propagation delays: tPLH ≅ tPHL
• Wide operating voltage range:
VCC (opr.) = 2 V to 6 V
• Pin and function compatible with 74 series
4094
• ESD performance
–CDM: 1 kV
–HBM: 2 kV
– MM: 200 V
Applications
• Automotive
• Industrial
• Computer
• Consumer
Description
The M74HC4094 device is a high speed CMOS
8-bit SIPO shift latch register fabricated with
silicon gate C2MOS technology. It consists of an
8-bit shift register and an 8-bit latch with 3-state
output buffer. Data is shifted serially through the
shift register on the positive going transition of the
clock input signal. The output of the last stage
(QS) can be used to cascade several devices.
Data on the QS output is transferred to a second
output (QS’) on the following negative transition
of the clock input signal. The data of each stage
of the shift register is provided with a latch, which
latches data on the negative going transition of
the STROBE input signal. When the STROBE
input is held high, data propagates through the
latch to a 3-state output buffer. This buffer is
enabled when OUTPUT ENABLE input is taken
high. All inputs are equipped with protection
circuits against static discharge and transient
excess voltage.
SO16
TSSOP16
Table 1. Device summary
Order code
Temperature range
Package
Packaging
Marking
M74HC4094RM13TR
-55/+125 °C
SO16
Tape and reel
74HC4094
M74HC4094YRM13TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
-40/+125 °C
SO16 (automotive grade)
74HC4094Y
M74HC4094TTR
-55/+125 °C
TSSOP16
HC4094
M74HC4094YTTR(1)
-40/+125° °C
TSSOP16 (automotive grade)
HC4094Y
www.st.com


Similar Part No. - M74HC4094

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
270Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
Feb-1993
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
Jan-2003
M74HC4094B1R STMICROELECTRONICS-M74HC4094B1R Datasheet
270Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
Feb-1993
M74HC4094B1R STMICROELECTRONICS-M74HC4094B1R Datasheet
575Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
Jan-2003
M74HC4094C1R STMICROELECTRONICS-M74HC4094C1R Datasheet
270Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
Feb-1993
More results

Similar Description - M74HC4094

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC164 STMICROELECTRONICS-M54HC164 Datasheet
254Kb / 12P
8 BIT SIPO SHIFT REGISTER
Oct-1992
M54HC251 STMICROELECTRONICS-M54HC251 Datasheet
249Kb / 11P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M54HC4094 STMICROELECTRONICS-M54HC4094 Datasheet
270Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
Feb-1993
M54HCT164 STMICROELECTRONICS-M54HCT164 Datasheet
252Kb / 12P
8 BIT SIPO SHIFT REGISTER
Feb-1993
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
8-BIT SHIFT REGISTER/LATCH(3-STATE)
logo
STMicroelectronics
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
Jan-2003
logo
Toshiba Semiconductor
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
8-Bit Shift Register/Latch (3-state)
logo
STMicroelectronics
M74HCT164 STMICROELECTRONICS-M74HCT164 Datasheet
327Kb / 11P
8 BIT SIPO SHIFT REGISTER
Jul-2001
M74HC164 STMICROELECTRONICS-M74HC164_03 Datasheet
512Kb / 13P
8 BIT SIPO SHIFT REGISTER
Jun-2003
logo
Toshiba Semiconductor
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
8-Bit Shift Register/Latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com