Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4094 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC4094
Description  8-bit SIPO shift latch register (3-state)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4094 Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC4094 Datasheet HTML 1Page - STMicroelectronics M74HC4094 Datasheet HTML 2Page - STMicroelectronics M74HC4094 Datasheet HTML 3Page - STMicroelectronics M74HC4094 Datasheet HTML 4Page - STMicroelectronics M74HC4094 Datasheet HTML 5Page - STMicroelectronics M74HC4094 Datasheet HTML 6Page - STMicroelectronics M74HC4094 Datasheet HTML 7Page - STMicroelectronics M74HC4094 Datasheet HTML 8Page - STMicroelectronics M74HC4094 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID1972 Rev 5
3/17
M74HC4094
Pin information
17
1
Pin information
Figure 1. Pin connection and IEC logic symbols
Table 2. Pin description
Pin no
Symbol
Name and function
1
STROBE
Strobe input
2
SERIAL IN
Serial input
3
CLOCK
Clock input
4, 5, 6, 7, 14, 13, 12, 11
Q1 to Q7
Parallel outputs
9, 10
QS, QS'
Serial outputs
15
OE
Output enable input
8
GND
Ground (0 V)
16
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com