Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet (PDF) - Texas Instruments

LP3947 Datasheet PDF - Texas Instruments
Part # LP3947
Download  LP3947 Download
File Size   378.68 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC

LP3947 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3947 Datasheet PDF - Texas Instruments

Part # LP3947
Download  LP3947 Click to download

File Size   378.68 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC

LP3947 Datasheet (HTML) - Texas Instruments


LP3947 Product details

1FEATURES
23• Supports USB Charging Scheme
• Integrated Pass Transistor
• Near-Depleted Battery Preconditioning
• Monitors Battery Temperature
• Built-In 5.6 Hour Timer
• Under Voltage and Over Voltage Lockout
• Charge Status Indicators
• Charge Current Monitor Analog Output
• LDO Mode Operation can source 1 Amp
• Continuous Over Current/Temperature
Protection

APPLICATIONS
• Cellular Phones
• PDAs
• Digital Cameras
• USB Powered Devices
• Programmable Current Sources

KEY SPECIFICATIONS
• 1% Charger Voltage Accuracy Over
0°C ≤ TJ ≤ 85°C
• 4.3V to 6V Input Voltage Range
• 100 mA to 750 mA Charge Current Range, in
Charger Mode
• 100 mA to 500 mA Charge Current Range, in
USB Mode
• WSON Package Power Dissipation:
2.7W at TA = 25°C

DESCRIPTION
The LP3947 is a complete charge management
system that safely charges and maintains a Li-Ion
battery from either USB power source or AC adaptor.
In USB mode, the LP3947 supports charging in low
power or high power mode. Alternatively, the LP3947
can take charge from AC adaptor. In both USB and AC adaptor modes, charge current, battery regulation
voltage, and End of Charge (EOC) point can be
selected via I2C™ interface. The LP3947 can also
operate on default values that are pre-programmed in
the factory. The battery temperature is monitored
continuously at the Ts pin to safeguard against
hazardous charging conditions. The charger also has
under-voltage and over-voltage protection as well as
an internal 5.6 hr timer to protect the battery. The
pass transistor and charge current sensing resistor
are all integrated inside the LP3947.
The LP3947 operates in four modes: pre-qualification,
constant current, constant voltage and maintenance
modes. There are two open drain outputs for status
indication. An internal amplifier readily converts the
charge current into a voltage. Also, the charger can operate in an LDO mode providing a maximum of 1.2
Amp to the load.




Similar Part No. - LP3947

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Texas Instruments
LP3947ISD-09/NOPB TI1-LP3947ISD-09/NOPB Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
LP3947ISD-51/NOPB TI1-LP3947ISD-51/NOPB Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
LP3947ISDX-51/NOPB TI1-LP3947ISDX-51/NOPB Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
More results


Similar Description - LP3947

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Texas Instruments
BQ24050 TI-BQ24050 Datasheet
1Mb / 37P
800mA Single Cell Li-Ion Battery Charger With Automatic Adaptor/USB Detection
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
logo
Texas Instruments
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com