Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3947
Description  LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3947 Datasheet(HTML) 4 Page - Texas Instruments

  LP3947 Datasheet HTML 1Page - Texas Instruments LP3947 Datasheet HTML 2Page - Texas Instruments LP3947 Datasheet HTML 3Page - Texas Instruments LP3947 Datasheet HTML 4Page - Texas Instruments LP3947 Datasheet HTML 5Page - Texas Instruments LP3947 Datasheet HTML 6Page - Texas Instruments LP3947 Datasheet HTML 7Page - Texas Instruments LP3947 Datasheet HTML 8Page - Texas Instruments LP3947 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LP3947
SNVS298B – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1) (2)
CHG-IN
0.3V to 6.5V
EN, ISEL, MODE, SCL, SDA, VT
(3)
0V to 6V
Junction Temperature
−40°C to +125°C
Operating Temperature
−40°C to +85°C
Thermal Resistance
θJA
37°C/W
Maximum Power Dissipation (4)
1.21W
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply verified performance limits. For specified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Caution must be taken to avoid raising pins EN and VT 0.3V higher than VCHG-IN and raising pins ISEL, MODE, SCL and SDA 0.3V
higher than VBATT.
(4)
Like the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. The
1.21W rating appearing under Operating Ratings results from substituting the maximum junction temperature for operation, 125°C, for
TJ, 80°C for TA, and 37°C/W for θJA into (1) above. More power can be dissipated at ambient temperatures below 80°C. Less power can
be dissipated at ambient temperatures above 80°C. The maximum power dissipation for operation can be increased by 27 mW for each
degree below 80°C, and it must be de-rated by 27 mW for each degree above 80°C.
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VCHG-IN = 5V, VBATT = 4V, CCHG-IN = 1 µF, CBATT = 10 µF. Typical values and limits appearing in normal
type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, TJ
=
−40°C to +85°C.
(1) (2) (3)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
VCC SUPPLY
VCHG-IN
Input Voltage Range
4.5
6
V
VUSB
4.3
6
ICC
Quiescent Current
VCHG-IN ≤ 4V
2
20
µA
EOC = Low, adaptor connected, VBATT =
50
150
4.1V
VOK-TSHD
Adaptor OK Trip Point (CHG-IN)
VCHG-IN –VBATT (Rising)
60
mV
VCHG-IN –VBATT (Falling)
50
mV
VUVLO-TSHD
Under Voltage Lock-Out Trip Point
VCHG-IN (Rising)
3.95
3.6
4.3
V
VCHG-IN (Falling)
3.75
3.4
4.1
V
VOVLO-TSHD
Over Voltage Lock-Out Trip Point
VCHG-IN (Rising)
5.9
V
VCHG-IN (Falling)
5.7
Thermal Shutdown Temperature
(2)
160
°C
Thermal Shutdown Hysteresis
20
BATTERY CHARGER
ICHG
Fast Charge Current Range
ISEL = High, In USB Mode
100
ISEL = Low, In USB Mode
500
mA
In AC Adaptor Mode
100
750
Fast Charge Current Accuracy
ICHARGE = 100 mA or 150 mA
−20
+20
mA
ICHARGE ≥ 200 mA
−10
+10
%
IPRE-CHG
Pre-Charge Current
VBATT = 2V
45
70
mA
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Specified by design.
(3)
LP3947 is not intended as a Li-Ion battery protection device, any battery used in this application should have an adequate internal
protection.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com