Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3947
Description  LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3947 Datasheet(HTML) 2 Page - Texas Instruments

  LP3947 Datasheet HTML 1Page - Texas Instruments LP3947 Datasheet HTML 2Page - Texas Instruments LP3947 Datasheet HTML 3Page - Texas Instruments LP3947 Datasheet HTML 4Page - Texas Instruments LP3947 Datasheet HTML 5Page - Texas Instruments LP3947 Datasheet HTML 6Page - Texas Instruments LP3947 Datasheet HTML 7Page - Texas Instruments LP3947 Datasheet HTML 8Page - Texas Instruments LP3947 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
14
13
12
11
10
9
8
1
2
3
4
5
6
7
LP3947
SNVS298B – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAMS AND PACKAGE MARK INFORMATION
Figure 1. Package Number NHL0014B (Top View)
PIN DESCRIPTIONS
Pin #
Name
Description
1
EN
Charger Enable Input. Internally pulled high to CHG-IN pin. A HIGH enables the charger and a LOW disables the
charger.
2
SCL
I2C serial Interface Clock input.
3
SDA
I2C serial Interface Data input/out.
4
BATT
Battery supply input terminal. Must have 10 µF ceramic capacitor to GND
5
VT
Regulated 2.78V output used for biasing the battery temperature monitoring thermistor.
6
VBSENSE
Battery Voltage Sense connected to the positive terminal of the battery.
7
MODE
Select pin between AC adaptor and USB port. A LOW sets the LP3947 in USB port and a HIGH sets it in the AC
adaptor.
8
Diff-Amp
Charge current monitoring differential amplifier output. Voltage output representation of the charge current.
9
Ts
Multi function pin. Battery temperature monitoring input and LDO/Charger mode.
Pulling this pin to VT, or removing the thermistor by physically disconnecting the battery, sets the device in LDO
mode.
10
EOC
Active Low Open Drain Output. Active when USB port or AC adaptor is connected and battery is fully charged. For
more information, refer to “LED Charge Status Indicators” section.
11
GND
Ground
12
CHG
Active Low Open Drain Output. Active when USB port or AC adaptor is connected and battery is being charged.
For more information, refer to “LED Charge Status Indicators” section.
13
ISEL
Control pin to switch between low power (100 mA) mode and high power (500 mA) mode in USB mode. This pin
is pulled high internally as default to set the USB in 100 mA mode. This pin has to be externally pulled low to go
into 500 mA mode.
14
CHG-IN
Charger input from a regulated, current limited power source. Must have a 1 µF ceramic capacitor to GND
Table 1. ORDERING INFORMATION
Part Number
Default Options
Top-Side Markings
LP3947ISD-09
ICHG = 500 mA
L00061B
VBATT = 4.1V
EOC = 0.1C
LP3947ISD-51
ICHG = 500 mA
L00062B
VBATT = 4.2V
EOC = 0.1C
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com