Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3947
Description  LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3947 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3947 Datasheet HTML 8Page - Texas Instruments LP3947 Datasheet HTML 9Page - Texas Instruments LP3947 Datasheet HTML 10Page - Texas Instruments LP3947 Datasheet HTML 11Page - Texas Instruments LP3947 Datasheet HTML 12Page - Texas Instruments LP3947 Datasheet HTML 13Page - Texas Instruments LP3947 Datasheet HTML 14Page - Texas Instruments LP3947 Datasheet HTML 15Page - Texas Instruments LP3947 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ack
address h´00 data
ack
addr = h´00
ack
w
id = h´47
start
scl
sda
start
msb
ID
lsb
w ack msb ADDRESS lsb ack
msb
DATA
lsb
ack
ack from slave
ack from slave
ack from slave
stop
LP3947
SNVS298B – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
Table 5. LP3947 Serial Port Communication address code 7h’47
LP3947 Control and Data Codes(1)
Addrs
Register
7
6
5
4
3
2
1
0
8
′h00
Charger
Batt Voltage
AC Adaptor
AC Adaptor
AC Adaptor
AC Adaptor
Register -1
(0) = 4.1V
Charge
Charge Current
Charge Current
Charge Current
1 = 4.2V
Current
Code 2 (0)
Code 1 (0)
Code 0 (0)
Code 3 (1)
8
′h01
Charger
EOC
Charging
EOC
EOC
Register -2
(Green LED)
(Red LED)
SEL-1
SEL-0
R/O
R/O
(0)
(1)
8
′h02
Charger
USB
USB
USB
USB
Register -3
Charge
Charge Current
Charge Current
Charge Current
Current
Code 2 (0)
Code 1 (0)
Code 0 (0)
Code 3 (1)
(1)
Numbers in parentheses indicate default setting. “0” bit is set to low state, and “1” bit is set to high state. R/O –Read Only, All other bits
are Read and Write.
Table 6. Charger Current and EOC Current Programming Code
Charger Current
End of Charge Current
Data Code
Selection Code ISET (mA)
Selection Code
4h
′00
100
4h
′01
150
0.1C
4h
′02
200
0.15C
4h
′03
250
0.2C
4h
′04
300
4h
′05
350
4h
′06
400
4h
′07
450
4h
′08
500
4h
′09
550
4h
′0A
600
4h
′0B
650
4h
′0C
700
4h
′0D
750
w = write (sda = “0”)
r = read (sda = “1”)
ack = acknowledge (sda pulled low by either master or slave)
Nack = No Acknowledge
rs = repeated start
Figure 8. LP3947 (Slave) Register Write
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com