Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP3947
Description  LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3947 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3947 Datasheet HTML 9Page - Texas Instruments LP3947 Datasheet HTML 10Page - Texas Instruments LP3947 Datasheet HTML 11Page - Texas Instruments LP3947 Datasheet HTML 12Page - Texas Instruments LP3947 Datasheet HTML 13Page - Texas Instruments LP3947 Datasheet HTML 14Page - Texas Instruments LP3947 Datasheet HTML 15Page - Texas Instruments LP3947 Datasheet HTML 16Page - Texas Instruments LP3947 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TJA =
TJ - TA
PD
Nack stop
address h´00 data
ack
r
id = h´47
rs
ack
addr = h´00
ack
w
id = h´47
start
scl
sda
start
msb
ID
lsb
w ack msb ADDRESS lsb ack
rs
msb
ID
lsb
r ack
msb
lsb
NA stop
DATA
ack from slave
repeated start
ack from slave
ack from slave
data from slave Nack from master
LP3947
www.ti.com
SNVS298B – NOVEMBER 2004 – REVISED APRIL 2013
w = write (sda = “0”)
r = read (sda = “1”)
ack = acknowledge (sda pulled low by either master or slave)
Nack = No Acknowledge
rs = repeated start
Figure 9. LP3947 (Slave) Register Read
THERMAL PERFORMANCE OF WSON PACKAGE
The LP3947 is a monolithic device with an integrated pass transistor. To enhance the power dissipation
performance, the Leadless Lead frame Package, or WSON, is used. The WSON package is designed for
improved thermal performance because of the exposed die attach pad at the bottom center of the package. It
brings advantage to thermal performance by creating a very direct path for thermal dissipation. Compared to the
traditional leaded packages where the die attach pad is embedded inside the mold compound, the WSON
reduces a layer of thermal path.
The thermal advantage of the WSON package is fully realized only when the exposed die attach pad is soldered
down to a thermal land on the PCB board and thermal vias are planted underneath the thermal land. Based on a
WSON thermal measurement, junction to ambient thermal resistance (
θJA) can be improved by as much as two
times if a WSON is soldered on the board with thermal land and thermal vias than if not.
An example of how to calculate for WSON thermal performance is shown below:
(2)
By substituting 37°C/W for
θJA, 125°C for TJ and 70°C for TA, the maximum power dissipation allowed from the
chip is 1.48W. If VCHG-IN is at 5.0V and a 3.0V battery is being charged, then 740 mA of ICHG can safely charge
the battery. More power can be dissipated at ambient temperatures below 70°C. Less power can be dissipated at
ambient temperatures above 70°C. The maximum power dissipation for operation can be increased by 27 mW
for each degree below 70°C, and it must be de-rated by 27 mW for each degree above 70°C.
LAYOUT CONSIDERATION
The LP3947 has an exposed die attach pad located at the bottom center of the WSON package. It is imperative
to create a thermal land on the PCB board when designing a PCB layout for the WSON package. The thermal
land helps to conduct heat away from the die, and the land should be the same dimension as the exposed pad
on the bottom of the WSON (1:1 ratio). In addition, thermal vias should be added inside the thermal land to
conduct more heat away from the surface of the PCB to the ground plane. Typical pitch and outer diameter for
these thermal vias are 1.27 mm and 0.33 mm respectively. Typical copper via barrel plating is 1oz although
thicker copper may be used to improve thermal performance. The LP3947 bottom pad is connected to ground.
Therefore, the thermal land and vias on the PCB board need to be connected to ground.
For more information on board layout techniques, refer to Application Note 1187 (SNOA401) “Leadless
Leadframe Package (LLP).” The application note also discusses package handling, solder stencil, and assembly.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com