Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS616 Datasheet (PDF) - Texas Instruments

SLAS616 Datasheet PDF - Texas Instruments
Part # SLAS616
Download  SLAS616 Download
File Size   998.26 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

SLAS616 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLAS616 Datasheet PDF - Texas Instruments

Part # SLAS616
Download  SLAS616 Click to download

File Size   998.26 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

SLAS616 Datasheet (HTML) - Texas Instruments


SLAS616 Product details

Low Supply-Voltage Range, 2.7 V to 3.6 V
Ultra-Low-Power Consumption:
− Active Mode: 400 μA at 1 MHz, 3.0 V
− Standby Mode: 1.6 μA
− Off Mode (RAM Retention): 0.1 μA
Five Power-Saving Modes
Wake-Up From Standby Mode in Less
Than 6 μs
Frequency-Locked Loop, FLL+
16-Bit RISC Architecture, 125-ns
Instruction Cycle Time
Embedded Signal Processing for
Single-Phase Energy Metering With
Integrated Analog Front-End and
Temperature Sensor (ESP430CE1B)
16-Bit Timer_A With Three
Capture/Compare Registers
Integrated LCD Driver for 128 Segments
Serial Communication Interface (USART),
Asynchronous UART, or Synchronous SPI
Selectable by Software
Brownout Detector
Supply Voltage Supervisor/Monitor With
Programmable Level Detection
Serial Onboard Programming,
No External Programming Voltage Needed,
Programmable Code Protection by Security
Fuse
Bootstrap Loader in Flash Devices
Family Members Include:
− MSP430FE4232
8KB + 256B Flash Memory,
256B RAM
− MSP430FE4242
12KB + 256B Flash Memory,
512B RAM
− MSP430FE4252
16KB + 256B Flash Memory,
512B RAM
− MSP430FE4272
32KB + 256B Flash Memory,
1KB RAM
Available in 64-Pin Quad Flat Pack (QFP)
For Complete Module Descriptions,
See the MSP430x4xx Family User’s Guide,
Literature Number SLAU056

description
The Texas Instruments MSP430 family of ultra-low-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6 μs.
The MSP430FE42x2 devices are microcontroller configurations with two independent 16-bit sigma-delta
analog-to-digital (A/D) converters and embedded signal processor core used to measure and calculate
single-phase energy in both 2-wire and 3-wire configurations. Also included is a built-in 16-bit timer, 128 LCD
segment drive capability, and 14 I/O pins.
Typical applications include 2-wire and 3-wire single-phase metering.




Similar Part No. - SLAS616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
SLAS191A TI-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
SLAS363 TI2-SLAS363 Datasheet
728Kb / 58P
Low Power CMOS, 16-Bit, 26-KSPS Codec With Smart Time Division Multiplexed (SMARTDM™) Serial Port
OCTOBER 2003
SLAS363 TI2-SLAS363 Datasheet
684Kb / 56P
SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
OCTOBER 2003
SLAS365 TI2-SLAS365 Datasheet
728Kb / 58P
Low Power CMOS, 16-Bit, 26-KSPS Codec With Smart Time Division Multiplexed (SMARTDM™) Serial Port
OCTOBER 2003
More results


Similar Description - SLAS616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com