Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS616 Datasheet(PDF) 1 Page - Texas Instruments

Part # SLAS616
Description  MIXED SIGNAL MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS616 Datasheet(HTML) 1 Page - Texas Instruments

  SLAS616 Datasheet HTML 1Page - Texas Instruments SLAS616 Datasheet HTML 2Page - Texas Instruments SLAS616 Datasheet HTML 3Page - Texas Instruments SLAS616 Datasheet HTML 4Page - Texas Instruments SLAS616 Datasheet HTML 5Page - Texas Instruments SLAS616 Datasheet HTML 6Page - Texas Instruments SLAS616 Datasheet HTML 7Page - Texas Instruments SLAS616 Datasheet HTML 8Page - Texas Instruments SLAS616 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
MSP430FE42x2
MIXED SIGNAL MICROCONTROLLER
SLAS616 − JULY 2008
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Supply-Voltage Range, 2.7 V to 3.6 V
D Ultra-Low-Power Consumption:
− Active Mode: 400
µA at 1 MHz, 3.0 V
− Standby Mode: 1.6
µA
− Off Mode (RAM Retention): 0.1
µA
D Five Power-Saving Modes
D Wake-Up From Standby Mode in Less
Than 6
µs
D Frequency-Locked Loop, FLL+
D 16-Bit RISC Architecture, 125-ns
Instruction Cycle Time
D Embedded Signal Processing for
Single-Phase Energy Metering With
Integrated Analog Front-End and
Temperature Sensor (ESP430CE1B)
D 16-Bit Timer_A With Three
Capture/Compare Registers
D Integrated LCD Driver for 128 Segments
D Serial Communication Interface (USART),
Asynchronous UART, or Synchronous SPI
Selectable by Software
D Brownout Detector
D Supply Voltage Supervisor/Monitor With
Programmable Level Detection
D Serial Onboard Programming,
No External Programming Voltage Needed,
Programmable Code Protection by Security
Fuse
D Bootstrap Loader in Flash Devices
D Family Members Include:
− MSP430FE4232
8KB + 256B Flash Memory,
256B RAM
− MSP430FE4242
12KB + 256B Flash Memory,
512B RAM
− MSP430FE4252
16KB + 256B Flash Memory,
512B RAM
− MSP430FE4272
32KB + 256B Flash Memory,
1KB RAM
D Available in 64-Pin Quad Flat Pack (QFP)
D For Complete Module Descriptions,
See the MSP430x4xx Family User’s Guide,
Literature Number SLAU056
description
The Texas Instruments MSP430 family of ultra-low-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6
µs.
The MSP430FE42x2 devices are microcontroller configurations with two independent 16-bit sigma-delta
analog-to-digital (A/D) converters and embedded signal processor core used to measure and calculate
single-phase energy in both 2-wire and 3-wire configurations. Also included is a built-in 16-bit timer, 128 LCD
segment drive capability, and 14 I/O pins.
Typical applications include 2-wire and 3-wire single-phase metering.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range
from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage
because very small parametric changes could cause the device not to meet its published specifications. These devices have limited
built-in ESD protection.
Copyright
 2008 Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SLAS616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
SLAS191A TI-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
SLAS363 TI2-SLAS363 Datasheet
728Kb / 58P
Low Power CMOS, 16-Bit, 26-KSPS Codec With Smart Time Division Multiplexed (SMARTDM™) Serial Port
OCTOBER 2003
SLAS363 TI2-SLAS363 Datasheet
684Kb / 56P
SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
OCTOBER 2003
SLAS365 TI2-SLAS365 Datasheet
728Kb / 58P
Low Power CMOS, 16-Bit, 26-KSPS Codec With Smart Time Division Multiplexed (SMARTDM™) Serial Port
OCTOBER 2003
More results

Similar Description - SLAS616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com