Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS616 Datasheet(PDF) 13 Page - Texas Instruments

Part # SLAS616
Description  MIXED SIGNAL MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS616 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SLAS616 Datasheet HTML 9Page - Texas Instruments SLAS616 Datasheet HTML 10Page - Texas Instruments SLAS616 Datasheet HTML 11Page - Texas Instruments SLAS616 Datasheet HTML 12Page - Texas Instruments SLAS616 Datasheet HTML 13Page - Texas Instruments SLAS616 Datasheet HTML 14Page - Texas Instruments SLAS616 Datasheet HTML 15Page - Texas Instruments SLAS616 Datasheet HTML 16Page - Texas Instruments SLAS616 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
MSP430FE42x2
MIXED SIGNAL MICROCONTROLLER
SLAS616 − JULY 2008
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
watchdog timer (WDT+)
The primary function of the WDT+ module is to perform a controlled system restart after a software problem
occurs. If the selected time interval expires, a system reset is generated. If the watchdog function is not needed
in an application, the module can be configured as an interval timer and can generate interrupts at selected time
intervals.
Timer_A3
Timer_A3 is a 16-bit timer/counter with three capture/compare registers. Timer_A3 can support multiple
capture/compares, PWM outputs, and interval timing. Timer_A3 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.
TIMER_A3 SIGNAL CONNECTIONS
INPUT PIN
NUMBER
DEVICE INPUT
SIGNAL
MODULE INPUT
NAME
MODULE BLOCK
MODULE OUTPUT
SIGNAL
OUTPUT PIN
NUMBER
48 - P1.5
TACLK
TACLK
ACLK
ACLK
Timer
NA
SMCLK
SMCLK
Timer
NA
48 - P1.5
TACLK
INCLK
53 - P1.0
TA0
CCI0A
53 - P1.0
52 - P1.1
TA0
CCI0B
CCR0
TA0
DVSS
GND
CCR0
TA0
DVCC
VCC
51 - P1.2
TA1
CCI1A
51 - P1.2
51 - P1.2
TA1
CCI1B
CCR1
TA1
DVSS
GND
CCR1
TA1
DVCC
VCC
45 - P2.0
TA2
CCI2A
45 - P2.0
ACLK (internal)
CCI2B
CCR2
TA2
DVSS
GND
CCR2
TA2
DVCC
VCC
universal synchronous/asynchronous receive transmit (USART0)
The MSP430FE42x2 devices have one hardware USART0 peripheral module that is used for serial data
communication. The USART supports synchronous SPI (3-pin or 4-pin) and asynchronous UART
communication protocols, using double-buffered transmit and receive channels.
ESP430CE1B
The ESP430CE1B module integrates a hardware multiplier, two independent 16-bit sigma-delta A/D converters
(SD16) and an embedded signal processor (ESP430). The ESP430CE1B module measures 2 or 3-wire,
single-phase energy and automatically calculates parameters which are made available to the MSP430 CPU.
The module can be calibrated and initialized to accurately calculate energy, power factor, etc., for a wide range
of metering sensor configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com