Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS616 Datasheet(PDF) 3 Page - Texas Instruments

Part # SLAS616
Description  MIXED SIGNAL MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS616 Datasheet(HTML) 3 Page - Texas Instruments

  SLAS616 Datasheet HTML 1Page - Texas Instruments SLAS616 Datasheet HTML 2Page - Texas Instruments SLAS616 Datasheet HTML 3Page - Texas Instruments SLAS616 Datasheet HTML 4Page - Texas Instruments SLAS616 Datasheet HTML 5Page - Texas Instruments SLAS616 Datasheet HTML 6Page - Texas Instruments SLAS616 Datasheet HTML 7Page - Texas Instruments SLAS616 Datasheet HTML 8Page - Texas Instruments SLAS616 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
MSP430FE42x2
MIXED SIGNAL MICROCONTROLLER
SLAS616 − JULY 2008
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
DVCC
DVSS
AVCC
AVSS
RST/NMI
P1
Flash
32KB
16KB
12KB
8KB
RAM
1KB
512B
512B
256B
Watchdog
WDT+
15/16-Bit
Timer_A3
3 CC Reg
Port 1
8 I/O
Interrupt
Capability
POR/
SVS/
Brownout
Basic
Timer 1
1 Interrupt
Vector
LCD
128
Segments
1,2,3,4 MUX
fLCD
8
USART0
UART or
SPI
Function
ESP430CE1B
Embedded
Signal
Processing,
Analog
Front-End
Oscillators
FLL+
MCLK
8 MHz
CPU
incl. 16
Registers
XOUT
JTAG
Interface
XIN
SMCLK
ACLK
MDB
MAB
Emulation
P2
Port 2
6 I/O
Interrupt
Capability
6
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com