Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS616 Datasheet(PDF) 32 Page - Texas Instruments

Part # SLAS616
Description  MIXED SIGNAL MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS616 Datasheet(HTML) 32 Page - Texas Instruments

Back Button SLAS616 Datasheet HTML 28Page - Texas Instruments SLAS616 Datasheet HTML 29Page - Texas Instruments SLAS616 Datasheet HTML 30Page - Texas Instruments SLAS616 Datasheet HTML 31Page - Texas Instruments SLAS616 Datasheet HTML 32Page - Texas Instruments SLAS616 Datasheet HTML 33Page - Texas Instruments SLAS616 Datasheet HTML 34Page - Texas Instruments SLAS616 Datasheet HTML 35Page - Texas Instruments SLAS616 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
MSP430FE42x2
MIXED SIGNAL MICROCONTROLLER
SLAS616 − JULY 2008
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
ESP430CE1B, active energy measurement test conditions and accuracy, TA = 25°C (See Note 1)
D fACLK = 32,768 Hz (watch crystal)
D fMCLK = 8.39 MHz (FLL+)
D fSD16 = fMCLK/8 = 1.049 MHz
D Single point calibration at I = 10 A, PF = 0.5 lagging
D Measurements according to IEC1036
D Input conditions (unless otherwise noted): IB = 6 A, IMAX = n × IB = 60 A, n = 10, VN = 230 V, fMAINS = 50 Hz
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
I = 0.05*IB, V = VN, PF = 1.0
3 V
±0.17
I = 0.1*IB to IMAX, V = VN, PF = 1.0
V1 SD16GAINx = 1
3 V
±0.18
I = 0.1*IB, V = VN, PF = 0.5 lagging
V1 SD16GAINx = 1
I1 SD16GAINx = 1
3 V
±0.19
Maximum error
I = 0.2*IB to IMAX, V = VN, PF = 0.5 lagging
I1 SD16GAINx = 1
3 V
±0.27
%
Maximum error
I = 0.1*IB, V = VN, PF = 0.8 leading
See Figure 14:
3 V
±0.15
%
I = 0.2*IB to IMAX, V = VN, PF = 0.8 leading
g
R1 = 0
Ω, RB = 12.4Ω
3 V
±0.24
I = 0.2*IB to IMAX, V = VN, PF = 0.25 lagging
3 V
±0.38
D Input conditions (unless otherwise noted): IB = 10 A, IMAX = n × IB = 60 A, n = 6, VN = 230 V, fMAINS = 50 Hz
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
I = 0.05*IB, V = VN, PF = 1.0
3 V
±0.11
I = 0.1*IB to IMAX, V = VN, PF = 1.0
3 V
±0.18
I = 0.1*IB, V = VN, PF = 0.5 lagging
V1 SD16GAINx
1
3 V
±0.45
Maximum error
I = 0.2*IB to IMAX, V = VN, PF = 0.5 lagging
V1 SD16GAINx = 1
I1 SD16GAINx = 32
3 V
±0.33
%
Maximum error
I = 0.1*IB, V = VN, PF = 0.8 leading
I1 SD16GAINx = 32
3 V
±0.10
%
I = 0.2*IB to IMAX, V = VN, PF = 0.8 leading
3 V
±0.18
I = 0.2*IB to IMAX, V = VN, PF = 0.25 lagging
3 V
±0.51
NOTES:
1. Measurements performed using complete hardware solution. Error shown contain temperature dependencies of all components
including the MSP430FE42x2, crystal, and discrete components.
2. I1 SD16GAIN x = 1: CT part number = T60404−E4624−X101 ( Vacuumschmelze)
I1 SD16GAINx = 32: shunt part number = BVO−M−R0002−5.0 (Isabellenhütte Heusler GmbH KG)
1k
1uH
1.5k
990k
CT
I
33nF
1k
1uH
1k
1k
1uH
33nF
33nF
33nF
I1+
I1−
V1+
V1−
RB
R1
Figure 14. Energy Measurement Test Circuitry (SD16GAINx = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com