Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS616 Datasheet(PDF) 4 Page - Texas Instruments

Part # SLAS616
Description  MIXED SIGNAL MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS616 Datasheet(HTML) 4 Page - Texas Instruments

  SLAS616 Datasheet HTML 1Page - Texas Instruments SLAS616 Datasheet HTML 2Page - Texas Instruments SLAS616 Datasheet HTML 3Page - Texas Instruments SLAS616 Datasheet HTML 4Page - Texas Instruments SLAS616 Datasheet HTML 5Page - Texas Instruments SLAS616 Datasheet HTML 6Page - Texas Instruments SLAS616 Datasheet HTML 7Page - Texas Instruments SLAS616 Datasheet HTML 8Page - Texas Instruments SLAS616 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
MSP430FE42x2
MIXED SIGNAL MICROCONTROLLER
SLAS616 − JULY 2008
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DVCC
1
Digital supply voltage, positive terminal
I1+
2
I
Current 1 positive analog input. Internal connection to SD16 Channel 0 A0+. (see Note 1)
I1−
3
I
Current 1 negative analog input. Internal connection to SD16 Channel 0 A0−. (see Note 1)
NC
4
I
Not connected. Connection to analog ground (AVSS) recommended.
NC
5
I
Not connected. Connection to analog ground (AVSS) recommended.
V1+
6
I
Voltage 1 positive analog input. Internal connection to SD16 Channel 1 A0+. (see Note 1)
V1−
7
I
Voltage 1 negative analog input. Internal connection to SD16 Channel 1 A0−. (see Note 1)
XIN
8
I
Input port for crystal oscillator XT1. Standard or watch crystals can be connected.
XOUT
9
O
Output terminal of crystal oscillator XT1
VREF
10
I/O
Input for an external reference voltage / Internal reference voltage output (can be used as mid-voltage)
P2.2/STE0
11
I/O
General-purpose digital I/O / Slave transmit enable—USART0/SPI mode
S0
12
O
LCD segment output 0
S1
13
O
LCD segment output 1
S2
14
O
LCD segment output 2
S3
15
O
LCD segment output 3
S4
16
O
LCD segment output 4
S5
17
O
LCD segment output 5
S6
18
O
LCD segment output 6
S7
19
O
LCD segment output 7
S8
20
O
LCD segment output 8
S9
21
O
LCD segment output 9
S10
22
O
LCD segment output 10
S11
23
O
LCD segment output 11
S12
24
O
LCD segment output 12
S13
25
O
LCD segment output 13
S14
26
O
LCD segment output 14
S15
27
O
LCD segment output 15
S16
28
O
LCD segment output 16
S17
29
O
LCD segment output 17
S18
30
O
LCD segment output 18
S19
31
O
LCD segment output 19
S20
32
O
LCD segment output 20
S21
33
O
LCD segment output 21
S22
34
O
LCD segment output 22
S23
35
O
LCD segment output 23
COM0
36
O
Common output, COM0−3 are used for LCD backplanes.
COM1
37
O
Common output, COM0−3 are used for LCD backplanes.
COM2
38
O
Common output, COM0−3 are used for LCD backplanes.
COM3
39
O
Common output, COM0−3 are used for LCD backplanes.
R03
40
I
Input port of fourth positive (lowest) analog LCD level (V5)
NOTE 1: It is recommended to short unused analog input pairs and connect them to analog ground (AVSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com