Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-KS Datasheet (PDF) - FCL COMPONENTS LIMITED

JS-KS Datasheet PDF - FCL COMPONENTS LIMITED
Part # JS-KS
Download  JS-KS Download
File Size   672.64 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE - 8A MEDIUM LOAD CONTROL

JS-KS Datasheet (PDF)

Go To PDF Page Download Datasheet
JS-KS Datasheet PDF - FCL COMPONENTS LIMITED

Part # JS-KS
Download  JS-KS Click to download

File Size   672.64 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE - 8A MEDIUM LOAD CONTROL

JS-KS Datasheet (HTML) - FCL COMPONENTS LIMITED


JS-KS Product details

FEATURES
APPLICATIONS
• Inrush current 65A, 1,000W, lamp load
• UL class B (130°C) coil wire insulation
• 1 form A (SPST-NO)
• Low profi le and space saving
• Height: 12.5mm - Mounting space: 290mm2
• High sensitivity in small package
Operating power 84 to110mW
Nominal power 220 to 290mW
• High insulation in small package
Insulation distance: 8.0mm (between coil and contacts)
Dielectric strength: 5,000VAC
Surge strength: 10,000V
• Plastic materials
UL 94 fl ame class V-0
UL CTI level class 2
• Plastic sealed type, RTIII
• RoHS compliant
I/O modules, timer, heater control, air conditioner etc.




Similar Part No. - JS-KS

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
JS-K-FF + FSP-1 LABFACILITY-JS-K-FF + FSP-1 Datasheet
709Kb / 4P
JIS Miniature Thermocouple Panel Systems – Type K
Mar-24
JS-K-FF + FSP-1 LABFACILITY-JS-K-FF + FSP-1 Datasheet
713Kb / 4P
JIS Standard Thermocouple Panel Systems – Type K
Mar-24
JS-K-FF + FSP-10 LABFACILITY-JS-K-FF + FSP-10 Datasheet
709Kb / 4P
JIS Miniature Thermocouple Panel Systems – Type K
Mar-24
JS-K-FF + FSP-10 LABFACILITY-JS-K-FF + FSP-10 Datasheet
713Kb / 4P
JIS Standard Thermocouple Panel Systems – Type K
Mar-24
JS-K-FF + FSP-2 LABFACILITY-JS-K-FF + FSP-2 Datasheet
709Kb / 4P
JIS Miniature Thermocouple Panel Systems – Type K
Mar-24
More results


Similar Description - JS-KS

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
POWER RELAY 1 POLE - 8A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
POWER RELAY 1 POLE - 5A/10A Medium Load Control
VE-12HSE-K FUJITSU-VE-12HSE-K Datasheet
318Kb / 7P
1 POLE - 5A Medium Load Control
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
POWER RELAY 1 POLE - 10A Medium Load Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com