Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-KS Datasheet(PDF) 3 Page - FCL COMPONENTS LIMITED

Part # JS-KS
Description  1 POLE - 8A MEDIUM LOAD CONTROL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

JS-KS Datasheet(HTML) 3 Page - FCL COMPONENTS LIMITED

  JS-KS Datasheet HTML 1Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 2Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 3Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 4Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 5Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 6Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 7Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
JS-KS Series
■ COIL DATA
■ SAFETY STANDARDS
Note: All values in the table are valid at 20°C and zero contact current, unless otherwise specified.
*: Specified operate values are valid for pulse wave voltage.
Note: Please use at rated coil voltage. Please refer to characteristic data and set up adequate voltage in case of use at over voltage.
Note: Care shall be taken on the heat generated on PC board when maximum carrying current exceeds 10A. Please perform the confirmation test with actual conditions.
Coil Code
Rated Coil Voltage
(VDC)
Coil Resistance
(Ω)±10%
Must Operate Voltage
*1
(VDC)
Must Release Voltage
*1
(VDC)
Rated Power
(mW)
5
5
112
3.1
0.5
225
6
6
160
3.72
0.6
225
9
9
360
5.58
0.9
225
12
12
660
7.44
1.2
220
18
18
1,455
11.16
1.8
225
24
24
2,350
14.88
2.4
245
48
48
8,000
29.7
4.8
290
60
60
12,500
37.2
6.0
290
Type
Compliance
Contact Rating
UL
Flammability: UL 94-V-0 (plastics)
UL508
File No. E56140
10A, 30VDC (resistive)
10A, 250VAC (resistive)
TV-4, 120VAC/240VAC (N.O.)
1/4hp 125VAC/250VAC
1/3hp 125VAC
1/2hp 250VAC
Pilot duty: C150, A300, B300, R300
CSA
C22.2 No.14
File No. LR40304
■ PART NUMBER LIST
Part Number
Contact Configuration
Contact Material
Enclosure
Construction
Inrush
JS-( )MN-KS
1a
(1 Form A)
Gold flash silver tin oxide
Plastic sealed
5.0mm
65A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com