Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-KS Datasheet(PDF) 2 Page - FCL COMPONENTS LIMITED

Part # JS-KS
Description  1 POLE - 8A MEDIUM LOAD CONTROL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

JS-KS Datasheet(HTML) 2 Page - FCL COMPONENTS LIMITED

  JS-KS Datasheet HTML 1Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 2Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 3Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 4Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 5Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 6Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 7Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
JS-KS Series
■ SPECIFICATIONS
Item
Specifications
Remarks/Conditions
Contact
Data
Configuration
1a (1 Form A, SPST-NO)
Construction
Single
Material
AgSnO
2+gold flash 0.1μm
Resistance
Max. 100mΩ
At 1A, 6VDC
Contact rating
8A, 250VAC/24VDC
Resistive
Max. carrying current
10A
Max. inrush current
65A, 250VAC
Max. switching voltage
400VAC/150VDC
Max. switching power
2,000VA/192W
Min. switching load
*1
100mA, 5VDC
Coil
Rated power (20°C)
220 to 290mW
Operate power (20°C)
84 to 110mW
Operating temperature range
-40°C ~ +85°C (at rated voltage)
No frost
Time
Operate
Max. 10ms
Without bounce
Release
Max. 5ms
Without bounce, no diode
Life
Mechanical
Min. 20 x 10
6 operations
Electrical
(resistive)
AC contact rating
Min. 100 x 10
3 operations
At rated load
DC contact rating
Min. 100 x 10
3 operations
At rated load
Lamp load
1,000W 25x10
3 operations
UL TV-4
Insulation Insulation resistance
Min. 1000MΩ
At 500VDC
Dielectric
strength
Open contacts
1,000VAC (50/60Hz), 1 minute
Coil to contacts
5,000VAC (50/60Hz), 1 minute
Surge strength Coil to contacts
10,000V / 1.2 x 50μs standard wave
Clearance
8mm
Creepage
8mm
EN61810-1,
VDE0435
Voltage
250V
Pollution
3
Material group
IIIa
Category
C / 250V (reference voltage) (VDE 01106)
Others
Vibration
resistance
Misoperation
10 to 55 to 10Hz single amplitude 0.825mm
Coil ON/OFF, 3 axis, total
6 cycles
Endurance
10 to 55 to 10Hz single amplitude 1.65mm
Coil OFF, 3 axis, total 6
hours
Shock
resistance
Misoperation
Min. 100m/s
2 (11±1ms)
Coil ON/OFF, 3 axis, total
36 operations
Endurance
Min. 1,000m/s
2 (6±1ms)
Coil OFF, 3 axis, total 18
operations
Dimensions / Weight
10.0 x 29.0 x 12.5mm / approx. 8.0g
Sealing
Plastic sealed
*1: Minimum switching loads mentioned above are reference values. Please perform the confirmation test with actual load before production since reference values may
vary according to switching frequencies, environmental conditions and expected reliability levels.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com