Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-KS Datasheet(PDF) 5 Page - FCL COMPONENTS LIMITED

Part # JS-KS
Description  1 POLE - 8A MEDIUM LOAD CONTROL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

JS-KS Datasheet(HTML) 5 Page - FCL COMPONENTS LIMITED

  JS-KS Datasheet HTML 1Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 2Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 3Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 4Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 5Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 6Page - FCL COMPONENTS LIMITED JS-KS Datasheet HTML 7Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
JS-KS Series
■ CHARACTERISTIC DATA
(Characteristic data is not guaranteed value but measured values of samples from production line.)
80
60
40
20
0
0
0.2
0.4
0.6
0.8
JS
JS
10A
8A
0A
10A
10A
10A
8A
8A
8A
0A
0A
0A
JS-KS
5 to 18VDC coil
JS-KS
48 to 60VDC coil
AC resistive
DC resistive
250VAC resistive
24VDC resistive
JS-12MN-KS
JS-5MN-KS
Operate
Release
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
2040
60
80100
0
2040
60
80100
0
2040
60
80100
10
1
0.1
10
100
1000
100
50
20
10
5
2
0
2
4
6
8
10
12
100
90
80
60
50
40
30
20
10
0
100
90
80
60
50
40
30
20
10
0
010
20 30 40
50 60
0
246
8
10
12
14
Operating range
Operating range
Operating range
)
)
)
Contact voltage(
(



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com