Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1925 Datasheet (PDF) - Texas Instruments

REF1925 Datasheet PDF - Texas Instruments
Part # REF1925
Download  REF1925 Download
File Size   2101.94 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References

REF1925 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF1925 Datasheet PDF - Texas Instruments

Part # REF1925
Download  REF1925 Click to download

File Size   2101.94 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References

REF1925 Datasheet (HTML) - Texas Instruments


REF1925 Product details

1 Features
1• Two Outputs, VREF and VREF / 2, for Convenient
Use in Single-Supply Systems
• Excellent Temperature Drift Performance:
– 25 ppm/°C (max) from –40°C to 125°C
• High Initial Accuracy: ±0.1% (max)
• VREF and VBIAS Tracking over Temperature:
– 6 ppm/°C (max) from –40°C to 85°C
– 7 ppm/°C (max) from –40°C to 125°C
• Microsize Package: SOT23-5
• Low Dropout Voltage: 10 mV
• High Output Current: ±20 mA
• Low Quiescent Current: 360 μA
• Line Regulation: 3 ppm/V
• Load Regulation: 8 ppm/mA

2 Applications
• Digital Signal Processing:
– Power Inverters
– Motor Controls
• Current Sensing
• Industrial Process Controls
• Medical Equipment
• Data Acquisition Systems
• Single-Supply Systems

3 Description
Applications with only a positive supply voltage often
require an additional stable voltage in the middle of
the analog-to-digital converter (ADC) input range to
bias input bipolar signals. The REF19xx provides a
reference voltage (VREF) for the ADC and a second
highly-accurate voltage (VBIAS) that can be used to
bias the input bipolar signals.
The REF19xx offers excellent temperature drift
(25 ppm/°C, max) and initial accuracy (0.1%) on both
the VREF and VBIAS outputs while operating at a
quiescent current less than 430 μA. In addition, the
VREF and VBIAS outputs track each other with a
precision of 6 ppm/°C (max) across the temperature
range of –40°C to 85°C. All these features increase
the precision of the signal chain and decrease board
space, while reducing the cost of the system as
compared to a discrete solution. Extremely low
dropout voltage of only 10 mV allows operation from
very low input voltages, which can be very useful in
battery-operated systems.
Both the VREF and VBIAS voltages have the same
excellent specifications and can sink and source
current equally well. Very good long-term stability and
low noise levels make these devices ideally-suited for
high-precision industrial applications.




Similar Part No. - REF1925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
Voltage References
REF1925AIDDCR TI1-REF1925AIDDCR Datasheet
2Mb / 31P
Voltage References
REF1925AIDDCT TI1-REF1925AIDDCT Datasheet
2Mb / 31P
Voltage References
REF1925 TI-REF1925_15 Datasheet
2Mb / 31P
REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
More results


Similar Description - REF1925

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Maxim Integrated Produc...
MAX873 MAXIM-MAX873_07 Datasheet
384Kb / 12P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
logo
Solid States Devices, I...
TR0010 SSDI-TR0010 Datasheet
45Kb / 2P
NPN (VREF) TRANSISTOR
logo
Texas Instruments
REF1925 TI-REF1925_15 Datasheet
2Mb / 31P
REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REF2025 TI-REF2025_15 Datasheet
2Mb / 32P
REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REF2025 TI1-REF2025_18 Datasheet
2Mb / 33P
Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REF3425-Q1 TI1-REF3425-Q1 Datasheet
1Mb / 28P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3425-Q1 TI1-REF3425-Q1_18 Datasheet
1Mb / 28P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF34-Q1 TI1-REF34-Q1 Datasheet
1Mb / 29P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF20-Q1 TI-REF20-Q1 Datasheet
3Mb / 34P
REF20xx-Q1 Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com