Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1925 Datasheet(PDF) 9 Page - Texas Instruments

Part # REF1925
Description  REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1925 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF1925 Datasheet HTML 5Page - Texas Instruments REF1925 Datasheet HTML 6Page - Texas Instruments REF1925 Datasheet HTML 7Page - Texas Instruments REF1925 Datasheet HTML 8Page - Texas Instruments REF1925 Datasheet HTML 9Page - Texas Instruments REF1925 Datasheet HTML 10Page - Texas Instruments REF1925 Datasheet HTML 11Page - Texas Instruments REF1925 Datasheet HTML 12Page - Texas Instruments REF1925 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
0
100
200
300
400
±30
±20
±10
0
10
20
30
Load Current (mA)
C005
25°C
±40°C
125°C
Time (500 µs/div)
C036
40 mA/div
+20 mA
-20 mA
+20 mA
+20 mA
+20 mA
40 mV/div
V
REF
20 mV/div
Time (500 µs/div)
C037
+1 mA
+1 mA
- 1 mA
2 mA/div
V
REF
Time (500 µs/div)
C031
V
REF
40 mA/div
-20 mA
+20 mA
+20 mA
40 mV/div
Time (500 µs/div)
C006
500 mV/div
40 mV/div
V
IN - 0.25V
V
IN + 0.25V
V
IN + 0.25 V
V
REF
Time (500 µs/div)
C032
+1 mA
+1 mA
- 1 mA
2 mA/div
20 mV/div
V
REF
9
REF1925, REF1930, REF1933, REF1941
www.ti.com
SBOS697A – SEPTEMBER 2014 – REVISED JANUARY 2017
Product Folder Links: REF1925 REF1930 REF1933 REF1941
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, IL = 0 mA, VIN = 5-V power supply, CL = 0 µF, and 2.5-V output, unless otherwise noted.
CL = 10 µF
Figure 19. Line Transient Response
CL = 1 µF
IL = ±1-mA step
Figure 20. Load Transient Response
CL = 10 µF
IL = ±1-mA step
Figure 21. Load Transient Response
CL = 1 µF
IL = ±20-mA step
Figure 22. Load Transient Response
CL = 10 µF
IL = ±20-mA step
Figure 23. Load Transient Response
Figure 24. Minimum Dropout Voltage vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com