Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1925 Datasheet(PDF) 17 Page - Texas Instruments

Part # REF1925
Description  REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1925 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF1925 Datasheet HTML 13Page - Texas Instruments REF1925 Datasheet HTML 14Page - Texas Instruments REF1925 Datasheet HTML 15Page - Texas Instruments REF1925 Datasheet HTML 16Page - Texas Instruments REF1925 Datasheet HTML 17Page - Texas Instruments REF1925 Datasheet HTML 18Page - Texas Instruments REF1925 Datasheet HTML 19Page - Texas Instruments REF1925 Datasheet HTML 20Page - Texas Instruments REF1925 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
RSHUNT
±ILOAD
VBUS
+
IN+
IN-
REF
OUT
+
Bandgap
V+
VCC
VREF
VBIAS
VIN
EN
GND
GND
VOUT
REF19xx
INA213B
+
±
+
±
ADC
VREF
17
REF1925, REF1930, REF1933, REF1941
www.ti.com
SBOS697A – SEPTEMBER 2014 – REVISED JANUARY 2017
Product Folder Links: REF1925 REF1930 REF1933 REF1941
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
10 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The low-drift, bidirectional, single-supply, low-side, current-sensing solution described in this section can
accurately detect load currents from –2.5 A to 2.5 A. The linear range of the output is from 250 mV to 2.75 V.
Positive current is represented by output voltages from 1.5 V to 2.75 V, whereas negative current is represented
by output voltages from 250 mV to 1.5 V. The difference amplifier is the INA213 current-shunt monitor, whose
supply and reference voltages are supplied by the low-drift REF1930.
10.2 Typical Application
Figure 45. Low-Side, Current-Sensing Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com