Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1925 Datasheet(PDF) 20 Page - Texas Instruments

Part # REF1925
Description  REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1925 Datasheet(HTML) 20 Page - Texas Instruments

Back Button REF1925 Datasheet HTML 16Page - Texas Instruments REF1925 Datasheet HTML 17Page - Texas Instruments REF1925 Datasheet HTML 18Page - Texas Instruments REF1925 Datasheet HTML 19Page - Texas Instruments REF1925 Datasheet HTML 20Page - Texas Instruments REF1925 Datasheet HTML 21Page - Texas Instruments REF1925 Datasheet HTML 22Page - Texas Instruments REF1925 Datasheet HTML 23Page - Texas Instruments REF1925 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
0
10
20
30
40
V
REF and VBIAS Matching (ppm)
C004
0
10
20
30
40
50
60
0
1
2
3
4
5
6
V
REF and VBIAS Tracking Over Temperature (ppm/ƒC)
C016
20
REF1925, REF1930, REF1933, REF1941
SBOS697A – SEPTEMBER 2014 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: REF1925 REF1930 REF1933 REF1941
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Application (continued)
10.2.2.3 Voltage Reference
The voltage reference for this application must have the following features:
1. Dual output (3.0 V and 1.5 V),
2. Low drift, and
3. Low tracking errors between the two outputs.
For this design, the REF1930 is used. The REF19xx topology is as shown in the Functional Block Diagram
section.
The REF1930 is an excellent choice for this application because of its dual output. The temperature drift of
25 ppm/°C and initial accuracy of 0.1% make the errors resulting from the voltage reference minimal in this
application. In addition, there is minimal mismatch between the two outputs and both outputs track very well
across temperature, as shown in Figure 48 and Figure 49.
Figure 48. VREF – 2 × VBIAS Distribution (At TA = 25°C)
Figure 49. Distribution of VREF – 2 × VBIAS Drift Tracking
Over Temperature
10.2.2.4 Results
Table 1 summarizes the measured results.
Table 1. Measured Results
ERROR
UNCALIBRATED (%)
CALIBRATED (%)
Error across the full load current range (25°C)
±0.0355
±0.004
Error across the full load current range (–40°C to 125°C)
±0.0522
±0.0606



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com