Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1925 Datasheet(PDF) 7 Page - Texas Instruments

Part # REF1925
Description  REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1925 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF1925 Datasheet HTML 3Page - Texas Instruments REF1925 Datasheet HTML 4Page - Texas Instruments REF1925 Datasheet HTML 5Page - Texas Instruments REF1925 Datasheet HTML 6Page - Texas Instruments REF1925 Datasheet HTML 7Page - Texas Instruments REF1925 Datasheet HTML 8Page - Texas Instruments REF1925 Datasheet HTML 9Page - Texas Instruments REF1925 Datasheet HTML 10Page - Texas Instruments REF1925 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
4
5
6
7
8
9
10
11
12
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C020
4
5
6
7
8
9
10
11
12
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C021
1.2493
1.2495
1.2497
1.2499
1.2501
1.2503
±20
±15
±10
±5
0
5
10
15
20
Load Current (mA)
C039
125°C
25°C
-40°C
4
5
6
7
8
9
10
11
12
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C025
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
±20
±15
±10
±5
0
5
10
15
20
Load Current (mA)
C038
125°C
25°C
-40°C
±1000
±750
±500
±250
0
250
500
750
1000
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C003
7
REF1925, REF1930, REF1933, REF1941
www.ti.com
SBOS697A – SEPTEMBER 2014 – REVISED JANUARY 2017
Product Folder Links: REF1925 REF1930 REF1933 REF1941
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, IL = 0 mA, VIN = 5-V power supply, CL = 0 µF, and 2.5-V output, unless otherwise noted.
Figure 7. VREF – 2 × VBIAS Tracking vs Temperature
VREF output
Figure 8. Output Voltage Change vs Load Current (VREF)
VBIAS output
Figure 9. Output Voltage Change vs Load Current (VBIAS)
VREF output
IL = 20 mA
Figure 10. Load Regulation Sourcing vs Temperature (VREF)
VBIAS output
IL = 20 mA
Figure 11. Load Regulation Sourcing vs Temperature (VBIAS)
VREF output
IL = –20 mA
Figure 12. Load Regulation Sinking vs Temperature (VREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com