Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1925 Datasheet(PDF) 6 Page - Texas Instruments

Part # REF1925
Description  REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1925 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF1925 Datasheet HTML 2Page - Texas Instruments REF1925 Datasheet HTML 3Page - Texas Instruments REF1925 Datasheet HTML 4Page - Texas Instruments REF1925 Datasheet HTML 5Page - Texas Instruments REF1925 Datasheet HTML 6Page - Texas Instruments REF1925 Datasheet HTML 7Page - Texas Instruments REF1925 Datasheet HTML 8Page - Texas Instruments REF1925 Datasheet HTML 9Page - Texas Instruments REF1925 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
0
10
20
30
40
50
60
-0.0125
-0.01
-0.0075 -0.005 -0.0025
0
0.0025
Solder Heat Shift Histogram - V
BIAS (%)
C040
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
REF
V
BIAS
0
10
20
30
40
50
60
0
1
2
3
4
5
6
7
V
REF and VBIAS Tracking Over Temperature (ppm/ƒC)
C017
0
10
20
30
40
50
-0.0125
-0.01
-0.0075 -0.005 -0.0025
0
0.0025
Solder Heat Shift Histogram - V
REF (%)
C041
0
10
20
30
40
V
REF and VBIAS Matching (ppm)
C004
0
10
20
30
40
50
60
0
1
2
3
4
5
6
V
REF and VBIAS Tracking Over Temperature (ppm/ƒC)
C016
6
REF1925, REF1930, REF1933, REF1941
SBOS697A – SEPTEMBER 2014 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: REF1925 REF1930 REF1933 REF1941
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
7.6 Typical Characteristics
At TA = 25°C, IL = 0 mA, VIN = 5-V power supply, CL = 0 µF, and 2.5-V output, unless otherwise noted.
Figure 1. VREF – 2 × VBIAS Distribution
–40°C
≤ TA ≤ 85°C
Figure 2. Distribution of VREF – 2 × VBIAS Drift Tracking
Over Temperature
–40°C
≤ TA ≤ 125°C
Figure 3. Distribution of VREF – 2 × VBIAS Drift Tracking
Over Temperature
Refer to the Solder Heat Shift section for more information.
Figure 4. Solder Heat Shift Distribution (VREF)
Refer to the Solder Heat Shift section for more information.
Figure 5. Solder Heat Shift Distribution (VBIAS)
Figure 6. Output Voltage Accuracy (VREF) vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com