Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1925 Datasheet(PDF) 12 Page - Texas Instruments

Part # REF1925
Description  REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1925 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF1925 Datasheet HTML 8Page - Texas Instruments REF1925 Datasheet HTML 9Page - Texas Instruments REF1925 Datasheet HTML 10Page - Texas Instruments REF1925 Datasheet HTML 11Page - Texas Instruments REF1925 Datasheet HTML 12Page - Texas Instruments REF1925 Datasheet HTML 13Page - Texas Instruments REF1925 Datasheet HTML 14Page - Texas Instruments REF1925 Datasheet HTML 15Page - Texas Instruments REF1925 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
0
10
20
30
40
50
-0.0125
-0.01
-0.0075 -0.005 -0.0025
0
0.0025
Solder Heat Shift Histogram - V
REF (%)
C041
0
10
20
30
40
50
60
-0.0125
-0.01
-0.0075 -0.005 -0.0025
0
0.0025
Solder Heat Shift Histogram - V
BIAS (%)
C040
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (seconds)
C01
12
REF1925, REF1930, REF1933, REF1941
SBOS697A – SEPTEMBER 2014 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: REF1925 REF1930 REF1933 REF1941
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8 Parameter Measurement Information
8.1 Solder Heat Shift
The materials used in the manufacture of the REF19xx have differing coefficients of thermal expansion, resulting
in stress on the device die when the device is heated. Mechanical and thermal stress on the device die can
cause the output voltages to shift, degrading the initial accuracy specifications of the product. Reflow soldering is
a common cause of this error.
In order to illustrate this effect, a total of 92 devices were soldered on four printed circuit boards [23 devices on
each printed circuit board (PCB)] using lead-free solder paste and the paste manufacturer suggested reflow
profile. The reflow profile is as shown in Figure 36. The PCB is comprised of FR4 material. The board thickness
is 1.57 mm and the area is 171.54 mm × 165.1 mm.
Figure 36. Reflow Profile
The reference and bias output voltages are measured before and after the reflow process; the typical shift is
displayed in Figure 37 and Figure 38. Although all tested units exhibit very low shifts (< 0.01%), higher shifts are
also possible depending on the size, thickness, and material of the PCB. An important note is that the histograms
display the typical shift for exposure to a single reflow profile. Exposure to multiple reflows, which is common on
PCBs with surface-mount components on both sides, causes additional shifts in the output bias voltage. If the
PCB is exposed to multiple reflows, solder the device in the second pass to minimize device exposure to thermal
stress.
Figure 37. Solder Heat Shift Distribution, VREF (%)
Figure 38. Solder Heat Shift Distribution, VBIAS (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com