Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1925 Datasheet(PDF) 13 Page - Texas Instruments

Part # REF1925
Description  REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1925 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF1925 Datasheet HTML 9Page - Texas Instruments REF1925 Datasheet HTML 10Page - Texas Instruments REF1925 Datasheet HTML 11Page - Texas Instruments REF1925 Datasheet HTML 12Page - Texas Instruments REF1925 Datasheet HTML 13Page - Texas Instruments REF1925 Datasheet HTML 14Page - Texas Instruments REF1925 Datasheet HTML 15Page - Texas Instruments REF1925 Datasheet HTML 16Page - Texas Instruments REF1925 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
0
5
10
15
20
25
30
35
40
Thermal Hysterisis - V
REF (ppm)
C013
0
5
10
15
20
25
30
35
40
Thermal Hysteresis - V
BIAS (ppm)
C014
PRE
POST
6
HYST
NOM
V
V
V
10
(ppm)
V
§
·
x
¨
¸
¨
¸
©
¹
13
REF1925, REF1930, REF1933, REF1941
www.ti.com
SBOS697A – SEPTEMBER 2014 – REVISED JANUARY 2017
Product Folder Links: REF1925 REF1930 REF1933 REF1941
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8.2 Thermal Hysteresis
Thermal hysteresis is measured with the REF19xx soldered to a PCB, similar to a real-world application. Thermal
hysteresis for the device is defined as the change in output voltage after operating the device at 25°C, cycling the
device through the specified temperature range, and returning to 25°C. Hysteresis can be expressed by
Equation 1:
where
VHYST = thermal hysteresis (in units of ppm),
VNOM = the specified output voltage,
VPRE = output voltage measured at 25°C pre-temperature cycling, and
VPOST = output voltage measured after the device has cycled from 25°C through the specified temperature
range of –40°C to 125°C and returns to 25°C.
(1)
Typical thermal hysteresis distribution is as shown in Figure 39 and Figure 40.
Figure 39. Thermal Hysteresis Distribution (VREF)
Figure 40. Thermal Hysteresis Distribution (VBIAS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com