Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3120 Datasheet (PDF) - Texas Instruments

REF3120 Datasheet PDF - Texas Instruments
Part # REF3120
Download  REF3120 Download
File Size   1247.46 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference

REF3120 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF3120 Datasheet PDF - Texas Instruments

Part # REF3120
Download  REF3120 Click to download

File Size   1247.46 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference

REF3120 Datasheet (HTML) - Texas Instruments


REF3120 Product details

1 Features
1• MicroSize Package: SOT23-3
• Low Dropout: 5 mV
• High Output Current: ±10 mA
• High Accuracy: 0.2% Maximum
• Low IQ: 115 μA Maximum
• Excellent Specified Drift Performance:
– 15 ppm/°C (Maximum) from 0°C to +70°C
– 20 ppm/°C (Maximum) from –40°C to +125°C

2 Applications
• Portable, Battery-Powered Equipment
• Data Acquisition Systems
• Medical Equipment
• Hand-Held Test Equipment

3 Description
The REF31xx is a family of precision, low power, low
dropout, series voltage references available in the
tiny 3-pin SOT-23 package.
The REF31xx's small size and low power
consumption (100 μA typical) make it ideal for
portable and battery-powered applications. The
REF31xx does not require a load capacitor, but is
stable with any capacitive load and can sink or
source up to 10 mA of output current.
Unloaded, the REF31xx can operate on supplies
down to 5 mV above the output voltage. All models
are specified for the wide temperature range of –40°C
to +125°C.




Similar Part No. - REF3120

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3120 BURR-BROWN-REF3120 Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3120 BURR-BROWN-REF3120 Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3120-Q1 TI1-REF3120-Q1 Datasheet
573Kb / 23P
15 ppm Maximum, 100-uA, SOT-23 Series Voltage Reference
logo
Burr-Brown (TI)
REF3120AIDBZR BURR-BROWN-REF3120AIDBZR Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3120AIDBZR BURR-BROWN-REF3120AIDBZR Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
More results


Similar Description - REF3120

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3125 BURR-BROWN-REF3125 Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
logo
Burr-Brown (TI)
REF3112 BURR-BROWN-REF3112 Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
Precision 5.0V SOT-23 FGA??Voltage Reference
May 2, 2006
logo
Texas Instruments
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
SOT-23 Precision Micropower Series Voltage Reference
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
SOT-23 Series Voltage Reference
SM74601 TI1-SM74601 Datasheet
321Kb / 14P
SOT-23 Precision Micropower Series Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
SOT-23 Precision Micropower Series Voltage Reference
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
REF3112-Q1 TI1-REF3112-Q1 Datasheet
573Kb / 23P
15 ppm Maximum, 100-uA, SOT-23 Series Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com