Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3120 Datasheet(PDF) 2 Page - Texas Instruments

Part # REF3120
Description  REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3120 Datasheet(HTML) 2 Page - Texas Instruments

  REF3120 Datasheet HTML 1Page - Texas Instruments REF3120 Datasheet HTML 2Page - Texas Instruments REF3120 Datasheet HTML 3Page - Texas Instruments REF3120 Datasheet HTML 4Page - Texas Instruments REF3120 Datasheet HTML 5Page - Texas Instruments REF3120 Datasheet HTML 6Page - Texas Instruments REF3120 Datasheet HTML 7Page - Texas Instruments REF3120 Datasheet HTML 8Page - Texas Instruments REF3120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
REF3112, REF3120, REF3125
REF3130, REF3133, REF3140
SBVS046D – DECEMBER 2003 – REVISED MARCH 2016
www.ti.com
Product Folder Links: REF3112 REF3120 REF3125 REF3130 REF3133 REF3140
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ..................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 4
7.6
Typical Characteristics .............................................. 6
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
8.2
Functional Block Diagram ....................................... 10
8.3
Feature Description................................................. 10
8.4
Device Functional Modes........................................ 13
9
Application and Implementation ........................ 15
9.1
Application Information............................................ 15
9.2
Typical Application ................................................. 15
10
Power Supply Recommendations ..................... 17
11
Layout................................................................... 17
11.1
Layout Guidelines ................................................. 17
11.2
Layout Example .................................................... 17
12
Device and Documentation Support ................. 18
12.1
Device Support...................................................... 18
12.2
Related Links ........................................................ 18
12.3
Community Resources.......................................... 18
12.4
Trademarks ........................................................... 18
12.5
Electrostatic Discharge Caution ............................ 18
12.6
Glossary ................................................................ 18
13
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (February 2006) to Revision D
Page
•
Added the Device Information table, the Thermal Information table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section. .............................. 1
•
Removed the Ordering Information table .............................................................................................................................. 1
•
Moved and updated the SOT23-3 surface mount thermal resistance data from the Electrical Characteristics table to
the Thermal Information table................................................................................................................................................. 4
•
Removed the boldface type in the Electrical Characteristics table and identified when limits apply over the specified
temperature range TA = –40°C to +125°C in the test conditions column .............................................................................. 4
•
Added Figure 19 ..................................................................................................................................................................... 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com