Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3120 Datasheet(PDF) 3 Page - Texas Instruments

Part # REF3120
Description  REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3120 Datasheet(HTML) 3 Page - Texas Instruments

  REF3120 Datasheet HTML 1Page - Texas Instruments REF3120 Datasheet HTML 2Page - Texas Instruments REF3120 Datasheet HTML 3Page - Texas Instruments REF3120 Datasheet HTML 4Page - Texas Instruments REF3120 Datasheet HTML 5Page - Texas Instruments REF3120 Datasheet HTML 6Page - Texas Instruments REF3120 Datasheet HTML 7Page - Texas Instruments REF3120 Datasheet HTML 8Page - Texas Instruments REF3120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
IN
2
OUT
3
GND
3
REF3112, REF3120, REF3125
REF3130, REF3133, REF3140
www.ti.com
SBVS046D – DECEMBER 2003 – REVISED MARCH 2016
Product Folder Links: REF3112 REF3120 REF3125 REF3130 REF3133 REF3140
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
5 Device Comparison Table
PRODUCT
VOLTAGE (V)
REF3112
1.25
REF3120
2.048
REF3125
2.5
REF3130
3
REF3133
3.3
REF3140
4.096
6 Pin Configuration and Functions
DBZ Package
3-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
IN
I
Input supply voltage
2
OUT
O
Reference output voltage
3
GND
—
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com