Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3120 Datasheet(PDF) 13 Page - Texas Instruments

Part # REF3120
Description  REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3120 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF3120 Datasheet HTML 9Page - Texas Instruments REF3120 Datasheet HTML 10Page - Texas Instruments REF3120 Datasheet HTML 11Page - Texas Instruments REF3120 Datasheet HTML 12Page - Texas Instruments REF3120 Datasheet HTML 13Page - Texas Instruments REF3120 Datasheet HTML 14Page - Texas Instruments REF3120 Datasheet HTML 15Page - Texas Instruments REF3120 Datasheet HTML 16Page - Texas Instruments REF3120 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ADS7822
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
-In
GND
+
+
5W
1 F to 10 F
m
m
1 F to
m
10 F
m
3.3V
0.1 F
m
V
IN
V+
V
S
Microcontroller
REF3133
GND
OPA703
REF3125
+5V
-5V
+5V
10kW
10kW
+2.5V
-2.5V
13
REF3112, REF3120, REF3125
REF3130, REF3133, REF3140
www.ti.com
SBVS046D – DECEMBER 2003 – REVISED MARCH 2016
Product Folder Links: REF3112 REF3120 REF3125 REF3130 REF3133 REF3140
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the REF31xx and OPA703 can be used to
provide a dual-supply reference from a ±5-V supply. Figure 24 shows the REF3125 used to provide a ±2.5-V
supply reference voltage. The low drift performance of the REF31xx complement the low offset voltage and low
drift of the OPA703 to provide an accurate solution for split-supply applications.
Figure 24. REF3125 Combined With OPA703 to Create Positive and Negative Reference Voltages
8.4.2 Data Acquisition
Data acquisition systems often require stable voltage references to maintain accuracy. The REF31xx family
features stability and a wide range of voltages suitable for most microcontrollers and data converters. Figure 25,
Figure 26, and Figure 27 show basic data acquisition systems.
Figure 25. Basic Data Acquisition System 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com