Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3120 Datasheet(PDF) 7 Page - Texas Instruments

Part # REF3120
Description  REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3120 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF3120 Datasheet HTML 3Page - Texas Instruments REF3120 Datasheet HTML 4Page - Texas Instruments REF3120 Datasheet HTML 5Page - Texas Instruments REF3120 Datasheet HTML 6Page - Texas Instruments REF3120 Datasheet HTML 7Page - Texas Instruments REF3120 Datasheet HTML 8Page - Texas Instruments REF3120 Datasheet HTML 9Page - Texas Instruments REF3120 Datasheet HTML 10Page - Texas Instruments REF3120 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
400ms/div
20
0
-20
-40
-60
-80
-100
-120
0
100
200
300 400
500
600
700
800 900 1000
Time (Hrs)
2.505
2.504
2.503
2.502
2.501
2.500
2.499
2.498
2.497
-15
-10
-5
0
5
10
15
Load Current (mA)
+125 C
°
+25 C
°
-40 C
°
100 s/div
m
V
IN
V
OUT
90
80
70
60
50
40
30
20
10
0
1
10
100
1k
10k
100k
Frequency (Hz)
2.505
2.504
2.503
2.502
2.501
2.500
2.499
2.498
2.0
2.5
3.0
3.5
4.0
4.5
5.5
6.0
5.0
6.5
Supply (V)
+125 C
°
+25 C
°
-40 C
°
7
REF3112, REF3120, REF3125
REF3130, REF3133, REF3140
www.ti.com
SBVS046D – DECEMBER 2003 – REVISED MARCH 2016
Product Folder Links: REF3112 REF3120 REF3125 REF3130 REF3133 REF3140
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VIN = 5-V power supply, and REF3125 is used for typical characteristic measurements, unless otherwise noted.
Figure 7. PSRR vs Frequency
Figure 8. Output vs Supply
Figure 9. Output Voltage vs Load Current
Figure 10. Step Response, CL = 0, 5-V Start-Up
Figure 11. 0.1-Hz to 10-Hz Noise
Figure 12. REF3112 Long-Term Stability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com