Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS5AC-40 Datasheet (PDF) - STMicroelectronics

GS5AC-40 Datasheet PDF - STMicroelectronics
Part # GS5AC-40
Download  GS5AC-40 Download
File Size   65.25 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ISDN AC-DC CONVERTER

GS5AC-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS5AC-40 Datasheet PDF - STMicroelectronics

Part # GS5AC-40
Download  GS5AC-40 Click to download

File Size   65.25 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ISDN AC-DC CONVERTER

GS5AC-40 Datasheet (HTML) - STMicroelectronics


GS5AC-40 Product details

DESCRIPTION
The GS5AC-40 converter has been designed for an ISDN-NTBA (Network Termination Basic Access) system with either 4B3T or 2B1Q standard trasmission.

FEATURES
■ Large Input voltage range: 180 to 264 VRMS
■ Input filter to meet EMI requirements
■ Peak input overvoltage whitstanding
■ Input fuse
■ Input to output insulation
■ 2 insulated outputs:
    Vo1 = 35 to 42 V for ”S” interface
    Vo2 = 36 to 47 V for external relay and LED driver
■ ”S” interface output characteristics:
    Peak output of 8 W for 150 ms
    Typical output power: 4,5 W
    Output filtering to meet ETSI requirements
    Hold up time: 20 ms with 4,5 W output power
    Continuous short circuit protection
    Peak overvoltage withstand: 250 V for 10/700 µs
■ Mechanical dimensions (LxWxH): 80x43x30 mm




Similar Part No. - GS5AC-40

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GS5AC SUNMATE-GS5AC Datasheet
312Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
More results


Similar Description - GS5AC-40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T70-D540 STMICROELECTRONICS-GS1T70-D540 Datasheet
72Kb / 5P
ISDN DC-DC CONVERTER
20-Jan-1997
GS1T70-D540F STMICROELECTRONICS-GS1T70-D540F Datasheet
64Kb / 4P
ISDN DC-DC CONVERTER FRENCH VERSION
Jun-1994
logo
Siemens Semiconductor G...
PEB2023 SIEMENS-PEB2023 Datasheet
145Kb / 25P
ISDN DC Converter Circuit IDCC
logo
Filtran LTD
TEP5606 FILTRAN-TEP5606 Datasheet
24Kb / 1P
ISDN DC/DC Converter Transformer
TEP5844 FILTRAN-TEP5844 Datasheet
25Kb / 1P
ISDN DC/DC Converter Transformer
logo
EPCOS
B78310P1623A005 EPCOS-B78310P1623A005 Datasheet
60Kb / 2P
ISDN Transformers DC/DC Converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
AC-DC / DC-DC Converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com