Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS5AC-40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS5AC-40
Description  ISDN AC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS5AC-40 Datasheet(HTML) 1 Page - STMicroelectronics

  GS5AC-40 Datasheet HTML 1Page - STMicroelectronics GS5AC-40 Datasheet HTML 2Page - STMicroelectronics GS5AC-40 Datasheet HTML 3Page - STMicroelectronics GS5AC-40 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GS5AC-40
ISDN AC-DC CONVERTER
20 January 1997
1/4
PRELIMINARY DATA
Type
Vi
Vo
Io
GS5AC-40
180 to 264 V
out 1: 40 V 110 mA
out 2: 40 V
10 mA
FEATURES
Large Input voltage range: 180 to 264 VRMS
Input filter to meet EMI requirements
Peak input overvoltage whitstanding
Input fuse
Input to output insulation
2 insulated outputs:
Vo1 = 35 to 42 V for ”S” interface
Vo2 = 36 to 47 V for external relay and LED driver
”S” interface output characteristics:
Peak output of 8 W for 150 ms
Typical output power: 4,5 W
Output filtering to meet ETSI requirements
Hold up time: 20 ms with 4,5 W output power
Continuous short circuit protection
Peak overvoltage withstand: 250 V for 10/700
µs
Mechanical dimensions (LxWxH): 80x43x30 mm
DESCRIPTION
The GS5AC-40 converter has been designed for
an ISDN-NTBA (Network Termination Basic Ac-
cess) system with either 4B3T or 2B1Q standard
trasmission.
The converter is able to deliver 40V/110 mA for ”S”
interface and is equipped also with a second, aux-
iliary 40V/10 mA output for relay and LED driving.
The converter offers short-circuit protection on both
outputs (short-circuit on 40V output doesn’t affect
relay/LED output and the input power never ex-
ceeds the limit of 15 W) and also provides to
remove the auxiliary (relay & LED) output when the
mains is missing, thus allowing the use of a second
”emergency” voltage source (relay contacts are
released). 3000 VRMS insulation voltage for 60
seconds is provided between input and the outputs.
Output 1 and Output 2 share the same common
ground (pin 4 is internally connected with pin 6).
The design of the module has been conducted
using, as reference standards, the following:
EN 60950, VDE0878 part 1 class B (EMC),
EN55022 class B (EMC), CCITT 430, ETS 300 012
and ETS 300 047 (ISDN BASIC ACCESS, Safety
and Protection); anyway, please note that no certi-
fication processes have been carried out on the
module itself.


Similar Part No. - GS5AC-40

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GS5AC SUNMATE-GS5AC Datasheet
312Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
More results

Similar Description - GS5AC-40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T70-D540 STMICROELECTRONICS-GS1T70-D540 Datasheet
72Kb / 5P
ISDN DC-DC CONVERTER
20-Jan-1997
GS1T70-D540F STMICROELECTRONICS-GS1T70-D540F Datasheet
64Kb / 4P
ISDN DC-DC CONVERTER FRENCH VERSION
Jun-1994
logo
Siemens Semiconductor G...
PEB2023 SIEMENS-PEB2023 Datasheet
145Kb / 25P
ISDN DC Converter Circuit IDCC
logo
Filtran LTD
TEP5606 FILTRAN-TEP5606 Datasheet
24Kb / 1P
ISDN DC/DC Converter Transformer
TEP5844 FILTRAN-TEP5844 Datasheet
25Kb / 1P
ISDN DC/DC Converter Transformer
logo
EPCOS
B78310P1623A005 EPCOS-B78310P1623A005 Datasheet
60Kb / 2P
ISDN Transformers DC/DC Converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com