Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS5AC-40 Datasheet(PDF) 3 Page - STMicroelectronics

Part # GS5AC-40
Description  ISDN AC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS5AC-40 Datasheet(HTML) 3 Page - STMicroelectronics

  GS5AC-40 Datasheet HTML 1Page - STMicroelectronics GS5AC-40 Datasheet HTML 2Page - STMicroelectronics GS5AC-40 Datasheet HTML 3Page - STMicroelectronics GS5AC-40 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20 January 1997
1
2
3
4
43 (1.69)
30 (1.18)
3 (0.12)
Bottom view
10.16 (0.4)
71.12 (2.80)
80 (3.15)
0.6 (0.023)
1 (0.04)
5.08 (0.2)
5.08 (0.2)
10.16 (0.4)
5
6
Figure 1. Connection diagram and mechanical data
3/4
Pin
Function
Description
1
AC Input
Mains input
2
AC Input
Mains input
3
+Vo1
+ 40 V Output for ”S” interface
4 & 6
- Vo1 & -Vo2
Output Common Ground
5
+ Vo2
+ External Relay & LED driver
PIN DESCRIPTION
GS5AC-40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com