Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS5AC-40 Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS5AC-40
Description  ISDN AC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS5AC-40 Datasheet(HTML) 2 Page - STMicroelectronics

  GS5AC-40 Datasheet HTML 1Page - STMicroelectronics GS5AC-40 Datasheet HTML 2Page - STMicroelectronics GS5AC-40 Datasheet HTML 3Page - STMicroelectronics GS5AC-40 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C unless otherwise specified)
Std. Conditions:
Vin = 180 to 264 VRMS
Po1 = 0 to 4.5 W
Io2 = 0 to 10 mA
Vo2 = 36 to 47 V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
180
264
VRMS
fi
Input Frequency
Vi = 230 VRMS
43
56
Hz
Pi
Input Power
Standard Conditions
7W
Pi
Input Power
Abnormal Conditions
15
W
Vist
Start up Input Voltage
Output parameters as per
Standard Conditions
100
150
VRMS
Vo1
Output Voltage 1
Standard Conditions
36
38
42
V
Vo2
Output Voltage 2
Standard Conditions
36
38
47
V
Vo2
Output Voltage 2
Emergency Conditions
01
V
Vor1
Output Ripple Voltage 1
Standard Conditions
B W: 0 - 20 MHz
100
mVRMS
Io1
Output Current 1
Standard Conditions
0110
mA
Ioo1
Output Overcurrent
t = 150 ms, Vo1 = 35.5 to 42 V
at Switch-On
180
250
mA
Io1sc
Output 1 short circuit current
10
50
80
mA
Io2
Output current 2
Standard Conditions
010
mA
Vo1pf
Power Fail Vo1 threshold
Vo2 fails below 1 V
35.5
36.5
V
Vipf
Power Fail Vi threshold
Output parameters as per
Standard Conditions
150
180
VRMS
Vipk
Input Transient Overvoltage
t = 10/700
µs
2.5
kV
Vo1pk
Out 1 Transient Overvoltage
t = 10/700
µs
250
V
Vis
Insulation Voltage
Input to outputs, t=60 s
3000
VRMS
Vis
Insulation Voltage (pulse)
Input to outputs,
t = 10/700
µs (pulse)
4kV
th
Hold-up time
Vin = 180 VRMS
Loads as per Std. Conditions
20
ms
MTBF
Mean Time Before Failure
Ground Fixed, MIL-HDBK-217E
1
Mhours
Top
Operating Ambient
Temperature Range
-5
+70
°C
Tstg
Storage
Temperature Range
- 40
+85
°C
2/4
20 January 1997
GS5AC-40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com