Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXESDHC2FD2VB Datasheet (PDF) - Shunxin Technology Co., Ltd.

SXESDHC2FD2VB Datasheet PDF - Shunxin Technology Co., Ltd.
Part # SXESDHC2FD2VB
Download  SXESDHC2FD2VB Download
File Size   654.41 Kbytes
Page   5 Pages
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.
Description Transient Voltage Suppressors for ESD Protection

SXESDHC2FD2VB Datasheet (PDF)

Go To PDF Page Download Datasheet
SXESDHC2FD2VB Datasheet PDF - Shunxin Technology Co., Ltd.

Part # SXESDHC2FD2VB
Download  SXESDHC2FD2VB Click to download

File Size   654.41 Kbytes
Page   5 Pages
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.
Description Transient Voltage Suppressors for ESD Protection

SXESDHC2FD2VB Datasheet (HTML) - Shunxin Technology Co., Ltd.


SXESDHC2FD2VB Product details

Description
The SXESDHC2FD2VB protects sensitive semiconductor components
from damage or upset due to electrostatic discharge (ESD) and other
voltage induced transient events. They feature large cross-sectional area
junctions for conducting high transient currents, offer desirable electrical
characteristics for board level protection, such as fast response time, low
operating voltage.
Feature
300W peak pulse power per line (tP = 8/20μs)
DFN1006-2L package
Replacement for MLV (0402)
Bidirectional configurations
Response time is typically < 1ns
Low clamping voltage
Transient protection for data lines to
IEC61000-4-2(ESD) ±30kV(air), ±30kV(contact);
IEC61000-4-4 (EFT) 40A (5/50ns)
Applications
Cellular phones
Portable devices
Digital cameras
Power supplies




Similar Part No. - SXESDHC2FD2VB

ManufacturerPart #DatasheetDescription
logo
Shunxin Technology Co.,...
SXESDHC2FD20VUF SXSEMI-SXESDHC2FD20VUF Datasheet
724Kb / 5P
Transient Voltage Suppressors for ESD Protection
More results


Similar Description - SXESDHC2FD2VB

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com