Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXESDHC2FD2VB Datasheet(PDF) 4 Page - Shunxin Technology Co., Ltd.

Part # SXESDHC2FD2VB
Description  Transient Voltage Suppressors for ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

SXESDHC2FD2VB Datasheet(HTML) 4 Page - Shunxin Technology Co., Ltd.

  SXESDHC2FD2VB Datasheet HTML 1Page - Shunxin Technology Co., Ltd. SXESDHC2FD2VB Datasheet HTML 2Page - Shunxin Technology Co., Ltd. SXESDHC2FD2VB Datasheet HTML 3Page - Shunxin Technology Co., Ltd. SXESDHC2FD2VB Datasheet HTML 4Page - Shunxin Technology Co., Ltd. SXESDHC2FD2VB Datasheet HTML 5Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig 7. ESD clamping voltage
Fig 8. ESD clamping voltage
(IEC61000-4-2 +8kV contact)
(IEC61000-4-2-8kV contact)
Solder Reflow Recommendation
Remark: Pb free for 260℃; Pb for 245℃.
Transient Voltage Suppressors for ESD Protection
SXESDHC2FD2VB
4
www.sxsemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com