Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXESDHC2FD2VB Datasheet(PDF) 1 Page - Shunxin Technology Co., Ltd.

Part # SXESDHC2FD2VB
Description  Transient Voltage Suppressors for ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

SXESDHC2FD2VB Datasheet(HTML) 1 Page - Shunxin Technology Co., Ltd.

  SXESDHC2FD2VB Datasheet HTML 1Page - Shunxin Technology Co., Ltd. SXESDHC2FD2VB Datasheet HTML 2Page - Shunxin Technology Co., Ltd. SXESDHC2FD2VB Datasheet HTML 3Page - Shunxin Technology Co., Ltd. SXESDHC2FD2VB Datasheet HTML 4Page - Shunxin Technology Co., Ltd. SXESDHC2FD2VB Datasheet HTML 5Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Description
The SXESDHC2FD2VB protects sensitive semiconductor components
from damage or upset due to electrostatic discharge (ESD) and other
voltage induced transient events. They feature large cross-sectional area
junctions for conducting high transient currents, offer desirable electrical
characteristics for board level protection, such as fast response time, low
operating voltage.
Feature
300W peak pulse power per line (tP = 8/20μs)
DFN1006-2L package
Replacement for MLV (0402)
Bidirectional configurations
Response time is typically < 1ns
Low clamping voltage
Transient protection for data lines to
IEC61000-4-2(ESD) ±30kV(air), ±30kV(contact);
IEC61000-4-4 (EFT) 40A (5/50ns)
Applications
Cellular phones
Portable devices
Digital cameras
Power supplies
DFN1006-2L
Mechanical Characteristics
Qualified max reflow temperature:260℃
Device meets MSL 1 requirements
RoHS compliant
Pin 2
Pin 1
Transient Voltage Suppressors for ESD Protection
SXESDHC2FD2VB
1
www.sxsemi.com


Similar Part No. - SXESDHC2FD2VB

ManufacturerPart #DatasheetDescription
logo
Shunxin Technology Co.,...
SXESDHC2FD20VUF SXSEMI-SXESDHC2FD20VUF Datasheet
724Kb / 5P
Transient Voltage Suppressors for ESD Protection
More results

Similar Description - SXESDHC2FD2VB

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com