Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXESDHC2FD2VB Datasheet(PDF) 2 Page - Shunxin Technology Co., Ltd.

Part # SXESDHC2FD2VB
Description  Transient Voltage Suppressors for ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

SXESDHC2FD2VB Datasheet(HTML) 2 Page - Shunxin Technology Co., Ltd.

  SXESDHC2FD2VB Datasheet HTML 1Page - Shunxin Technology Co., Ltd. SXESDHC2FD2VB Datasheet HTML 2Page - Shunxin Technology Co., Ltd. SXESDHC2FD2VB Datasheet HTML 3Page - Shunxin Technology Co., Ltd. SXESDHC2FD2VB Datasheet HTML 4Page - Shunxin Technology Co., Ltd. SXESDHC2FD2VB Datasheet HTML 5Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electronics Parameter
Symbol
Parameter
VRWM
Peak Reverse Working Voltage
IR
Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
PPP
Peak Pulse Power
Electrical characteristics at @25℃ (unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reverse Working Voltage(Pin1-Pin2)
VRWM
2.0
V
Reverse Working Voltage(Pin2-Pin1)
3.0
Breakdown Voltage (Pin1-Pin2)
VBR
IT= 1mA
2.5
3.0
4.0
V
Breakdown Voltage (Pin2-Pin1)
3.2
3.5
4.5
Reverse Leakage Current(Pin1-Pin2)
IR
VRWM = 2.0V
1.0
μA
Reverse Leakage Current (Pin2-Pin1)
VRWM = 3.0V
1.0
Clamping Voltage(1)
VC
TLP=16A, tp=100ns
6.0
V
Dynamic Resistance(1)
RDYN
0.15
Ω
Clamping Voltage(2) (Pin1-Pin2)
VC
IPP=35A, tp=8/20μs
8.0
9.5
V
Clamping Voltage(2) (Pin2-Pin1)
IPP=40A, tp=8/20μs
9.0
11
Junction Capacitance
CJ
VR=0V, f = 1MHz
60
pF
Notes: 1. TLP parameter: Z0=50 Ω,tp=100 ns,tr=2ns,averaging window from 60ns to 80ns. RDYN is calcula.
2. Non-repetitive current pulse, according to IEC61000-4-5.
Absolute maximum rating@25℃
Rating
Symbol
Value
Unit
Peak Pulse Power (tp=8/20μs)
Ppp
300
W
Operating Temperature
TJ
-55 to 150
℃
Storage Temperature
TSTG
-55 to 150
℃
ESD Protection-Contact Discharge
VESD
±30
kV
ESD Protection-Air Discharge
VESD
±30
kV
Transient Voltage Suppressors for ESD Protection
SXESDHC2FD2VB
2
www.sxsemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com